công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256HC-4SG48C

  • AI
    The **LCMXO2-256HC-4SG48C** is a member of the **MachXO2** family from Lattice Semiconductor. It is a low-power, non-volatile Field Programmable Gate Array (FPGA) bridge between traditional CPLDs (Complex Programmable Logic Devices) and high-performance FPGAs. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 Look-Up Tables | | **User I/O Count** | 40 I/Os | | **Voltage Supply (Internal)** | 2.375V to 3.465V (1.2V Core option available in other variants) | | **Package Type** | QFN-48 (48-pin Small Outline Package) | | **Speed Grade** | -4 (Standard performance) | | **Temperature Grade** | Commercial (0°C to 85°C) | | **Non-Volatile Memory** | On-chip Flash for instant-on capability | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific capabilities of this component: * **LCMXO2**: MachXO2 Product Family. * **256**: Density (approx. 256 Logic Cells). * **HC**: High-performance core voltage (2.5V/3.3V). * **4**: Speed Grade (4 is the standard speed). * **SG48**: 48-pin QFN package. * **C**: Commercial Temperature range. --- ### 3. Integrated Functional Blocks Despite its small size, this chip includes several "hardened" (dedicated hardware) blocks that save logic space: 1. **I2C/SPI Interfaces**: Hardened engines for serial communication, preventing the need to use LUTs for these protocols. 2. **User Flash Memory (UFM)**: Dedicated internal Flash for storing configuration data or small user datasets. 3. **Instant-On**: Because it is Flash-based, the device becomes active in microseconds upon power-up, unlike SRAM-based FPGAs that require external loading. 4. **Phase-Locked Loops (PLLs)**: Used for clock frequency synthesis and distribution. --- ### 4. Common Applications This specific part is often used in space-constrained designs for: * **Glue Logic**: Interfacing different chips with mismatched voltage levels or protocols. * **GPIO Expansion**: Providing extra I/O pins for microcontrollers. * **Power Sequencing**: Managing the power-up timing of complex circuit boards. * **Bus Bridging**: Converting signals between I2C, SPI, and UART. --- ### 5. Programming Example (VHDL) This snippet shows a simple 2-input AND gate targeted for the MachXO2: ```vhdl library IEEE; use IEEE.STD_LOGIC_1164.ALL; entity simple_and is Port ( A : in STD_LOGIC; B : in STD_LOGIC; Y : out STD_LOGIC); end simple_and; architecture Behavioral of simple_and is begin Y <= A and B; -- Basic logic operation using 1 LUT end Behavioral; ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the MachXO2 family?
    • ⤷ How does the 'HC' variant differ from the 'ZE' ultra-low-power variant?
    • ⤷ Which software tool is required to program the LCMXO2-256HC?