LCMXO2-2000ZE-3FTG256C
AI

The **LCMXO2-2000ZE-3FTG256C** is a member of the MachXO2 family produced by Lattice Semiconductor. It is categorized as an "Ultra Low Power" FPGA (Field Programmable Gate Array), often referred to as a Bridging and I/O expansion device.
---
## 1. Technical Specifications Table
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Lattice Semiconductor |
| **Logic Cells (LUTs)** | 2112 |
| **User I/Os** | 206 |
| **Embedded Block RAM (EBR)** | 74 Kbits |
| **Distributed RAM** | 16 Kbits |
| **Flash Memory** | User Flash Memory (UFM) for non-volatile storage |
| **Voltage Supply (Core)** | 1.14V to 1.26V (ZE variant is Low Power) |
| **Operating Temperature** | 0°C ~ 85°C (Commercial Grade) |
| **Package / Case** | 256-LBGA (17x17 mm) |
| **Mounting Type** | Surface Mount |
---
## 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific capabilities of this component:
* **LCMXO2**: MachXO2 Product Family.
* **2000**: Density indicator (approx. 2000 Look-Up Tables).
* **ZE**: "Zero Power" Enhanced - optimized for ultra-low power consumption.
* **3**: Speed Grade (3 is the standard speed for this series).
* **FTG256**: Package type (256-ball Fine-Pitch Thin BGA, Lead-Free).
* **C**: Temperature Grade (Commercial).
---
## 3. Key Electronic Features
### Instant-On Capability
Unlike traditional FPGAs that require an external PROM to load configuration data, the MachXO2 series has **on-chip Flash memory**. This allows the device to be active within milliseconds of power-up, making it ideal for system control and reset sequencing.
### Hardened IP Blocks
To save logic cells for user applications, the chip includes built-in "Hardened" functions:
* **I2C & SPI Interfaces:** Dedicated hardware for serial communication.
* **Timer/Counter:** Useful for basic PWM or timing tasks.
* **PLL (Phase Locked Loop):** For frequency synthesis and clock management.
### Power Management
The **ZE (Zero Power)** variant is designed specifically for battery-operated devices. It features:
* Extremely low static current.
* Single-supply operation capability (depending on I/O requirements).
---
## 4. Common Applications
Due to its low power and high I/O count relative to its size, it is commonly used for:
1. **I/O Expansion:** Adding extra pins to a microcontroller that has run out of GPIOs.
2. **Interface Bridging:** Converting signals between different standards (e.g., I2C to Parallel, or LVDS).
3. **Sensor Hubs:** Managing data from multiple sensors before passing it to a main processor.
4. **Power Sequencing:** Controlling the order in which different power rails on a motherboard turn on.
- ⤷
What is the main difference between the HC and ZE variants of the MachXO2 family?
- ⤷ Which software tool is required to program and compile code for the LCMXO2-2000ZE?
- ⤷ Can this FPGA be used for high-speed video processing
- ⤷ or is it strictly for low-speed control?