AI

The **LCMXO2-2000HC-4MG132C** is a non-volatile Field Programmable Gate Array (FPGA) from the **MachXO2 family** by Lattice Semiconductor. It is specifically designed for low-power, instant-on applications such as system control, bus bridging, and I/O expansion.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics of the device. Here is the breakdown of its primary technical parameters:
| Parameter | Specification |
|:---|:---|
| **Logic Cells** | 2,112 Look-up Tables (LUTs) |
| **User I/O Count** | 104 I/Os |
| **Embedded Block RAM** | 74 Kbits |
| **User Flash Memory** | 64 Kbits |
| **Voltage Supply (Core)** | 2.5V to 3.3V |
| **Package Type** | csBGA-132 (Chip Scale Ball Grid Array) |
| **Speed Grade** | -4 (Standard Speed) |
| **Temperature Range** | 0°C to 85°C (Commercial Grade) |
---
### 2. Functional Architecture
The MachXO2 architecture is unique because it combines the flexibility of an FPGA with the configuration ease of a CPLD (Complex Programmable Logic Device).
* **Embedded Function Blocks (EFB):** It contains hardened IP for common interfaces, including **I2C, SPI, and Timer/Counters**, which saves logic cells for other tasks.
* **Instant-On Performance:** Because it features on-chip Flash memory, the device configures itself in microseconds upon power-up, eliminating the need for an external boot PROM.
* **Low Power Design:** The "HC" series utilizes a high-performance/low-power process technology, making it suitable for handheld or battery-operated devices.
---
### 3. Pinout and Physical Characteristics
The **MG132** package code refers to the 132-ball Chip Scale BGA. This is a very small footprint (approximately 8x8 mm), ideal for space-constrained PCB designs.
```text
Package: csBGA-132
Pitch: 0.5mm
Dimensions: 8mm x 8mm
Ball Arrangement: 11 x 11 matrix (approx)
```
---
### 4. Part Number Breakdown
To better understand the ordering code:
* **LCMXO2**: MachXO2 Product Family.
* **2000**: Density (approx. 2000 LUTs).
* **HC**: High-performance (2.5V/3.3V) / Low Power.
* **4**: Speed Grade (4 is standard; 6 is faster).
* **MG132**: 132-ball csBGA package.
* **C**: Commercial Temperature grade.
---
### 5. Common Applications
* **Interface Bridging:** Converting signals between different logic levels or protocols (e.g., I2C to Parallel).
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
* **Power Sequencing:** Managing the power-up timing of various rails on a complex motherboard.
* **Sensor Hubs:** Aggregating data from multiple low-speed sensors before sending it to a main Application Processor.
- ⤷
What are the main differences between the 'HC' and 'ZE' variants of the MachXO2 series?
- ⤷ How do I program the internal Flash of the LCMXO2-2000HC using Lattice Diamond?
- ⤷ What is the maximum frequency supported by the Global Clock pins on this device?