LCMXO2-2000HC-4BG256I
AI

The **LCMXO2-2000HC-4BG256I** is a non-volatile, ultra-low-power FPGA (Field Programmable Gate Array) from the **Lattice MachXO2** family. It is widely used for system control, interface bridging, and power management due to its instant-on capability and integrated features.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Lattice Semiconductor |
| **Logic Cells (LUTs)** | 2112 |
| **Embedded Memory (EBR)** | 74 Kbits |
| **User Flash Memory** | 64 Kbits |
| **Number of I/Os** | 206 User I/Os |
| **Core Voltage** | 2.5V to 3.3V (HC Series) |
| **Package Type** | 256-Ball CABGA (14x14 mm) |
| **Operating Temperature** | -40°C to 100°C (Industrial Grade) |
| **Speed Grade** | -4 (Standard Performance) |
---
### 2. Functional Electronic Components
The architecture of this chip integrates several electronic sub-systems that reduce the need for external components:
#### A. Logic and Memory
* **Look-Up Tables (LUTs):** The core logic is based on 4-input LUTs used to implement combinatorial logic functions.
* **Flash Configuration:** Unlike SRAM-based FPGAs, this part stores its configuration in on-chip Flash memory. This allows it to be "**Instant-on**" (ready within microseconds of power-up).
#### B. Integrated Hardened IP Blocks
This specific series includes "hardened" (fixed-silicon) functions that save logic space:
* **I2C and SPI Interfaces:** Dedicated hardware for serial communication.
* **Timer/Counters:** 16-bit timers for pulse-width modulation (PWM) or system clocking.
* **Phase Locked Loop (PLL):** Used for frequency synthesis and clock distribution.
#### C. Input/Output (I/O) Features
* **Multi-standard I/O:** Supports LVCMOS, LVTTL, LVDS, and differential signaling.
* **Hot Socketing:** Allows the device to be inserted into a powered system without damage.
* **Programmable Drive Strength:** Adjusts the output current to match signal integrity requirements.
---
### 3. Part Number Decoding
Understanding the suffix nomenclature:
1. **LCMXO2**: MachXO2 Series.
2. **2000**: Density (Logic Cells).
3. **HC**: High-Performance Core (Voltage 2.5V/3.3V).
4. **4**: Speed Grade (Higher numbers are generally faster in some families, but in MachXO2, -4 is the entry speed).
5. **BG256**: Ball Grid Array (BGA) with 256 pins.
6. **I**: Industrial Temperature range.
---
### 4. Typical Applications
* **System Control:** Managing power-up sequences for complex CPUs.
* **Interface Bridging:** Converting signals between different protocols (e.g., SPI to Parallel).
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
- ⤷
How does the 'HC' version compare to the 'ZE' ultra-low-power version in the MachXO2 family?
- ⤷ What software tools are required to program the LCMXO2-2000HC?
- ⤷ Can the User Flash Memory (UFM) be used for data storage during runtime?