LCM-H12864GSF-R-Y
AI

## Technical Overview: LCM-H12864GSF-R-Y
The **LCM-H12864GSF-R-Y** is a Graphic Liquid Crystal Display (GLCD) module, commonly used in industrial equipment, medical devices, and embedded systems. It is characterized by its 128x64 pixel resolution and yellow-green backlight.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 128 x 64 Pixels |
| **Display Mode** | STN (Super-Twisted Nematic) |
| **Backlight Type** | LED (Yellow-Green) |
| **Polarizer Mode** | Transflective / Positive |
| **Controller/Driver** | Usually NT7107/NT7108 (or equivalent like KS0108) |
| **Operating Voltage** | 5V (Typical) |
| **Interface** | 8-bit Parallel |
---
### 2. Electronic Component Breakdown
The module consists of several critical electronic sub-systems:
#### A. The Display Controller (IC)
The most common controller for this model is the **KS0108** or **NT7108**. This IC handles the communication between your microcontroller (MCU) and the pixel matrix.
* **Segment Drivers:** Drive the vertical columns.
* **Common Drivers:** Drive the horizontal rows.
#### B. Internal Voltage Generator
To create the contrast required for the liquid crystals, the module often requires a negative voltage (VEE).
* **Vout / Vee:** Most modules generate approximately -5V to -10V internally or require an external negative supply to adjust the contrast via a potentiometer.
#### C. Backlight Circuitry
The yellow-green backlight is powered by an LED array.
* **Anode (A) / Cathode (K):** Usually pins 19 and 20.
* **Current Limiting:** A resistor is often required to prevent burning out the LEDs if the supply voltage exceeds 4.2V - 5V.
---
### 3. Pinout Configuration (Standard 20-Pin)
| Pin No. | Symbol | Description |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Power Supply (+5V) |
| 3 | VO | Contrast Adjustment |
| 4 | D/I (RS) | Data / Instruction Select |
| 5 | R/W | Read / Write Select |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | 8-bit Data Bus |
| 15 | CS1 | Chip Select 1 (Left half of screen) |
| 16 | CS2 | Chip Select 2 (Right half of screen) |
| 17 | RST | Reset Signal |
| 18 | VEE | Negative Voltage Output (for contrast) |
| 19 | LEDA | Backlight Anode (+) |
| 20 | LEDK | Backlight Cathode (-) |
---
### 4. Implementation Example (C/C++ Pseudocode)
To initialize the display in an embedded environment:
```cpp
// Basic command sequence for initialization
void GLCD_Init() {
LCD_WriteCommand(LCD_ON); // Turn display on
LCD_WriteCommand(SET_ADDRESS); // Set X/Y address to 0
LCD_WriteCommand(START_LINE); // Set display start line to 0
LCD_Clear(); // Clear the GDRAM
}
```
---
- ⤷
What is the maximum current draw for the LED backlight?
- ⤷ How do I wire a potentiometer for contrast adjustment on this specific model?
- ⤷ Is this display compatible with 3.3V logic levels without a level shifter?