AI

The **LC75386NE-R** is a high-performance CMOS IC designed by SANYO (now part of ON Semiconductor). It is primarily used as an **Electronic Volume and Tone Control** processor for high-end audio systems, such as car stereos and home hi-fi equipment.
---
## 1. Technical Specifications Overview
The LC75386NE-R integrates multiple audio processing functions into a single chip, controlled via a serial bus interface (CCB).
| Feature | Specification |
| :--- | :--- |
| **Package** | QFP-64 (Quad Flat Package) |
| **Supply Voltage (Vdd)** | 4.5V to 9.5V |
| **Channels** | 2-Channel (Stereo) |
| **Interface** | CCB (Computer Control Bus) |
| **Input Selectors** | 5-channel stereo inputs |
| **Total Harmonic Distortion** | 0.005% (typical) |
---
## 2. Core Functional Blocks
The internal electronic architecture consists of several key stages:
### A. Input Selector & Gain
* **Multi-channel Switching:** It features a 5-input selector.
* **Input Gain:** Provides an initial gain stage (0dB to +18.75dB in 0.625dB steps) to normalize different input sources (CD, Tuner, Aux).
### B. Volume Control
* **Independent Control:** Left and right channels can be controlled independently.
* **Step Resolution:** 0 to –78.75 dB (in 0.625dB steps) plus a full "Mute" function.
* **Zero-Cross Detection:** Features a zero-cross detection circuit to minimize "clicking" or "zipper noise" when changing volume levels.
### C. Tone & Equalizer Section
* **Bass & Treble:** Standard ±10dB adjustment.
* **Parametric EQ:** Often used for mid-range adjustments.
* **Loudness:** Integrated loudness function to boost frequencies at low volumes.
### D. Output & Fader
* **4-Channel Output:** Supports Front (L/R) and Rear (L/R) outputs.
* **Fader Control:** Independent attenuators for the rear channels to adjust front-to-back balance.
---
## 3. Pin Configuration Categories
The 64 pins are generally categorized into these functional groups:
| Pin Type | Function |
| :--- | :--- |
| **Power Supply** | Vdd (Positive), Vss (Ground), Vref (Reference voltage). |
| **Audio Inputs** | L1-L5 and R1-R5 (Stereo source inputs). |
| **Audio Outputs** | FL, FR, RL, RR (Front and Rear outputs). |
| **Control Bus** | CE (Chip Enable), CL (Clock), DI (Data In) - CCB Protocol. |
| **Filter Pins** | External capacitor connections for Treble, Bass, and Loudness curves. |
---
## 4. Typical Application Circuit
The IC acts as the "brain" between the source (Bluetooth module/CD player) and the power amplifier.
```c
[Source] ----> [LC75386NE-R Inputs]
|
(CCB Serial Control) <---- [Microcontroller]
|
[Power Amp] <---- [LC75386NE-R Outputs]
```
---
## 5. Key Advantages
1. **Low Noise:** High S/N ratio suitable for high-fidelity audio.
2. **Integrated Filters:** Built-in switched-capacitor filters reduce the need for many external components.
3. **High Integration:** Replaces dozens of discrete op-amps and potentiometers.
---
- ⤷
What is the CCB communication protocol used by this IC?
- ⤷ Can you provide the specific register settings for the volume control?
- ⤷ What are the common failure symptoms for the LC75386NE-R in car audio systems?