công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LC4H-R6-DC24V

  • AI
    ### Panasonic LC4H-R6-DC24V: Technical Overview The **LC4H-R6-DC24V** is a high-performance, digital electronic counter manufactured by Panasonic (formerly Matsushita/Aromat). It is designed for industrial automation to track events, quantities, or cycles. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | LC4H-R6-DC24V | | **Supply Voltage** | 24V DC | | **Display Type** | 7-segment Backlit LCD (Dual color: Red/Green) | | **Digits** | 6 Digits (0 to 999,999) | | **Output Type** | Relay Contact (1c / SPDT) | | **Counting Speed** | Selectable: 30 Hz or 5 kHz | | **Input Modes** | Up, Down, Individual, Phase (Quadrature) | | **Mounting Type** | Panel Mount (1/16 DIN - 48x48mm) | --- ### 2. Core Electronic Components & Functions The device functions through a combination of several internal circuit blocks: #### A. Power Supply & Protection Since this is the **DC24V** model, it includes an internal DC-DC converter to step down the voltage for the internal logic circuits (3.3V or 5V). It typically includes: * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Surge Suppressors:** Protects against electrical noise common in industrial environments. #### B. The Controller (MCU) The "brain" of the unit is a dedicated Microcontroller (MCU). It handles: * **High-Speed Signal Processing:** Interpreting pulses from sensors or switches. * **Logic Operations:** Managing preset values and reset functions. * **Memory (EEPROM):** Retains count data and settings during power outages without needing a battery. #### C. Input Circuitry The device features opto-isolated or high-impedance inputs to handle: * **Contact Inputs:** Mechanical switches. * **Solid-State Inputs:** NPN/PNP sensors (Proximity, Photoelectric). #### D. Display and User Interface * **Backlit LCD:** Changes color (typically Red/Green) to indicate when the preset value is reached. * **Tactile Buttons:** Membrane switches on the front panel for setting the counter target. #### E. Output Relay The "R" in the model name indicates a **Relay Output**. * When the count reaches the target, a mechanical relay triggers. * **Capacity:** Usually rated for 3A at 250V AC (Resistive load). --- ### 3. Wiring Diagram (Simplified) ```text Pin 1-2: Power Input (24V DC) Pin 3: Common (Input) Pin 4: Count Input A Pin 5: Count Input B / Reset Pin 6: Reset Input Pin 9: Relay Common (COM) Pin 10: Relay Normally Closed (NC) Pin 11: Relay Normally Open (NO) ``` --- ### 4. Application Examples * **Packaging Lines:** Counting the number of boxes passing on a conveyor. * **Metal Stamping:** Monitoring the number of strokes a press makes for maintenance scheduling. * **Length Measurement:** Using a rotary encoder (Phase input) to measure fabric or cable length.
    ✨ Follow-up Questions
    • ⤷ How do I switch between NPN and PNP sensor input logic on this counter?
    • ⤷ What is the difference between the 'R6' relay output and the transistor output versions?
    • ⤷ How can I reset the counter via external wiring instead of the front button?