AI

The **LC4H-R4-AC240V** is a sophisticated digital electronic timer manufactured by Panasonic (formerly Matsushita/National). It belongs to the LC4H series and is characterized by its bright, 4-digit LED display and versatile mounting options.
Below is a detailed breakdown of its electronic components, specifications, and features.
---
### 1. Technical Specifications
The model name itself encodes the primary electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | LC4H (Digital Electronic Counter/Timer) |
| **Output Type** | **R**: Relay Output (1c contact) |
| **Number of Digits** | **4**: 4-digit LED display (ranges up to 999.9 or 99h59m) |
| **Operating Voltage** | **AC240V**: 100V to 240V AC (50/60 Hz) |
| **Mounting Style** | Panel mount (standard 48mm x 48mm DIN size) |
| **Terminal Type** | 11-pin cylindrical base (Plug-in) |
---
### 2. Internal Electronic Components
The device functions as a specialized microcontroller-based timing relay. Key internal parts include:
#### A. Power Supply Unit (PSU)
* **Transformerless Capacitive Dropper / SMPS:** Converts the 240V AC input into low-voltage DC (typically 5V or 12V) to power the internal logic and display.
* **Smoothing Capacitors:** High-grade electrolytic capacitors ensure stable DC current to prevent flickering or logic errors during voltage fluctuations.
#### B. The Logic Controller
* **Microprocessor:** An embedded MCU handles the timing algorithms, scale conversions, and user input from the front-facing membrane buttons.
* **EEPROM:** Non-volatile memory that stores user-set time values and configuration settings, ensuring they are not lost during a power failure.
#### C. Output Mechanism
* **Electromechanical Relay:** The "R" in the model name indicates a physical relay.
* **Contact Rating:** Typically 5A at 250V AC (Resistive load).
* **Configuration:** Single-pole, double-throw (SPDT / 1c).
#### D. User Interface (Front Panel)
* **LED Display:** A high-contrast 7-segment LED (Red/Green) that shows the elapsed time or remaining time.
* **Operation Keys:** Sealed tactile switches for UP/DOWN settings and Mode selection.
---
### 3. Pin Configuration (11-Pin Base)
The LC4H-R4 uses an 11-pin layout. The electronic connections are generally mapped as follows:
| Pin Number | Function |
| :--- | :--- |
| **2 & 10** | Power Supply Input (100-240V AC) |
| **1, 3, 4** | Relay Contacts (Common, NO, NC) |
| **5, 6, 7** | Control Inputs (Stop, Reset, Start) |
| **9, 11** | Signal Ground / Common for Inputs |
---
### 4. Key Electronic Features
* **IP66 Protection:** The front panel is electronically sealed against dust and water jets, making it suitable for industrial environments.
* **Multi-mode Operation:** The internal circuitry supports multiple timing modes:
* On-delay / Off-delay
* Flicker (Oscillating)
* One-shot
* Integration
* **Changeable Brightness:** The LED brightness can be adjusted via the internal software settings to suit ambient light conditions.
---
- ⤷
What are the specific wiring diagrams for the Stop and Reset inputs?
- ⤷ Can this timer be used for DC loads on the relay output side?
- ⤷ How do I switch the time range from seconds to hours on this model?