LC2-3A-R/K
AI

The **LC2-3A-R/K** is a specific type of **Rotary Limit Switch** commonly used in industrial machinery, cranes, and heavy lifting equipment. It is designed to control the movement of mechanical systems by measuring the number of revolutions of a shaft.
Below is a breakdown of its electronic and electromechanical components.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Limit Switch |
| **Ratio Options** | Typically ranges from 1:15 to 1:400 (model dependent) |
| **Contact Type** | Snap-action microswitches (1NO + 1NC) |
| **Rated Voltage** | Up to 250V AC / 24V DC |
| **Rated Current** | 10A to 16A (Thermal) |
| **Protection Class** | IP65 (Dust-tight and water-jet resistant) |
---
### 2. Internal Electronic & Mechanical Parts
#### A. The Microswitches
Inside the housing, the LC2-3A-R/K contains multiple **snap-action switches**. These are the "electronic" heart of the device.
* **Function:** When the cams reach a specific position, they physically press the lever of the microswitch, opening or closing an electrical circuit.
* **Terminals:** Usually features screw terminals for easy wiring of control circuits (e.g., stopping a motor or triggering an alarm).
#### B. The Reduction Gearbox
To translate high-speed motor rotations into a slow, measurable movement, the device uses a series of **nylon or metal gears**.
* **Ratio:** If the ratio is 1:50, the input shaft must turn 50 times for the internal cam shaft to turn once. This allows for precise "end-of-travel" limit setting over long distances.
#### C. Adjustable Cams
Each microswitch is associated with a **Cam**.
* **Adjustment:** These cams can be rotated and locked into specific angles using a calibration screw.
* **Purpose:** This allows the user to set the exact point (the number of rotations) at which the electrical signal is triggered.
#### D. The Housing
Constructed from reinforced thermoplastic or die-cast aluminum, the housing provides **electrical insulation** and mechanical protection against harsh environments.
---
### 3. Common Applications
* **Overhead Cranes:** To prevent the hook from hitting the drum (top limit) or hitting the floor (bottom limit).
* **Industrial Doors:** To stop the motor once the shutter is fully open or closed.
* **Wind Turbines:** Used to monitor the yaw or pitch position.
---
- ⤷
How do you calibrate the cams in an LC2 series limit switch?
- ⤷ What are the primary differences between the 'R' and 'K' variants of this switch?
- ⤷ Can this switch be used with a Variable Frequency Drive (VFD) system?