LC2-122-R/E
AI

The **LC2-122-R/E** is a professional-grade, high-quality audio signal transformer, typically manufactured by companies like **Lundahl Transformers**. These components are specifically designed for high-end audio equipment where signal integrity, isolation, and impedance matching are critical.
---
### 1. Component Overview
The LC2-122-R/E is a dual-coil audio transformer. Its primary function is to provide electrical isolation and convert signal levels or impedances between audio stages without introducing significant distortion or noise.
### 2. Key Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Audio Isolation / Line Input Transformer |
| **Turns Ratio** | 1 + 1 : 2 + 2 (Versatile winding options) |
| **Core Material** | High-permeability Mu-metal (for low distortion) |
| **Housing** | Mu-metal shielding (protects against hum/EMI) |
| **Mounting** | PCB Mount (Through-hole) |
| **Frequency Response** | 10 Hz – 100 kHz (Flat within ± 0.5 dB) |
---
### 3. Electronic Design Features
#### A. Dual Winding Structure
The "1+1 : 2+2" configuration means the transformer has two primary windings and two secondary windings. This allows for multiple wiring configurations:
* **Series connection:** To increase impedance or voltage.
* **Parallel connection:** To decrease impedance or increase current handling.
* **Balanced/Unbalanced conversion:** Essential for converting XLR (balanced) signals to RCA (unbalanced) or vice versa.
#### B. Mu-Metal Shielding
The component is encased in a Mu-metal can. This is an alloy of nickel and iron that provides high magnetic permeability. It effectively "soaks up" external magnetic fields, preventing 50/60Hz mains hum from entering the audio path.
#### C. High Linearity
Unlike cheap transformers, the LC2-122-R/E uses high-grade core materials that prevent "saturation" (clipping of the waveform) even at high signal levels. This results in extremely low Total Harmonic Distortion (THD).
---
### 4. Common Applications
1. **Galvanic Isolation:** Breaking ground loops in pro-audio setups to eliminate "hum" and "buzz."
2. **Impedance Matching:** Interfacing high-output impedance vintage gear with modern low-impedance inputs.
3. **Signal Splitting:** Sending one audio source to two different amplifiers without degrading the signal.
4. **DIY High-End Audio:** Used in custom-built preamplifiers, DAC output stages, or tube amplifiers.
---
### 5. Wiring Logic Example
If you were to implement this in a circuit, the schematic symbol would look like this:
```text
Primary 1 (Pins 1-2) Secondary 1 (Pins 5-6)
[=======] [=======]
Primary 2 (Pins 3-4) Secondary 2 (Pins 7-8)
[=======] [=======]
```
---
- ⤷What are the specific pinout diagrams for the LC2-122-R/E?
- ⤷ How does Mu-metal shielding compare to copper shielding in audio transformers?
- ⤷ Can this transformer be used for microphone level signals or only line level?