LC10-R47
AI

The **LC10-R47** is a high-current, surface-mount (SMD) power inductor commonly used in voltage regulator modules (VRMs) and DC-DC converters. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The part belongs to the **LC10 series** (typically manufactured by companies like Delta Electronics or Cyntec). It is designed for high-frequency power electronics where high efficiency and low electromagnetic interference (EMI) are required.
### 2. Technical Specifications
The "R47" in the part number denotes the inductance value.
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | "R" acts as a decimal point |
| **Tolerance** | ±20% | Typical for power inductors |
| **DC Resistance (DCR)** | ~0.70 to 1.10 mΩ | Extremely low to minimize heat |
| **Saturation Current ($I_{sat}$)** | ~40A to 60A | Current at which inductance drops 20-30% |
| **Heating Current ($I_{rms}$)** | ~30A to 45A | Current causing a 40°C temperature rise |
| **Operating Temperature** | -40°C to +125°C | Includes self-heating |
---
### 3. Core Features
* **Molded Construction:** The inductor uses a metallic powder core technology. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly when current increases.
* **Shielded Design:** The molded body acts as a magnetic shield, reducing EMI and cross-talk with neighboring components on the PCB.
* **High Frequency Performance:** Optimized for switching frequencies ranging from 500 kHz to over 2 MHz.
---
### 4. Typical Applications
The LC10-R47 is most frequently found in:
1. **Motherboards/Servers:** Part of the multi-phase VRM powering the CPU or GPU.
2. **Point of Load (POL) Converters:** Used in high-current 12V to 1.xV step-down circuits.
3. **Graphic Cards:** Managing power delivery for high-performance memory and cores.
---
### 5. Identification (The Marking Code)
The part number can be decoded as follows:
* **LC:** Series name (Low-profile/High-current).
* **10:** Physical size (e.g., approximately 10mm x 11mm footprint).
* **R47:** Inductance value ($0.47 \times 10^0$ microhenries).
---
- ⤷What are the equivalent alternative parts for the LC10-R47 from other manufacturers?
- ⤷ How does the 'soft saturation' of a metal powder core differ from a ferrite core?
- ⤷ What is the physical footprint dimensions for the LC10 series?