LB-A1-R1
AI

The **LB-A1-R1** refers to a specific type of **Single Digit, Seven-Segment LED Display** module. These components are fundamental in electronics for displaying numerical data (0-9) and some limited alphabetical characters.
Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. General Specifications
The LB-A1 series is typically designed for high visibility and low power consumption.
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 7-Segment + Decimal Point (DP) |
| **Number of Digits** | 1 (Single Digit) |
| **Illumination Color** | Red (Standard for R1 suffix) |
| **Polarity** | Common Anode or Common Cathode (Model dependent) |
| **Character Height** | Approximately 10.16mm (0.4 inch) |
| **Connection Type** | Through-hole (DIP) |
### 2. Internal Pinout Configuration
A 7-segment display consists of 8 LEDs (7 for the digit segments labeled **a** through **g**, and 1 for the **DP**).
| Pin Label | Segment Represented | Function |
| :--- | :--- | :--- |
| **a** | Top Horizontal | Forms the top bar of the digit. |
| **b** | Upper Right Vertical | Forms the top-right side. |
| **c** | Lower Right Vertical | Forms the bottom-right side. |
| **d** | Bottom Horizontal | Forms the base bar. |
| **e** | Lower Left Vertical | Forms the bottom-left side. |
| **f** | Upper Left Vertical | Forms the top-left side. |
| **g** | Middle Horizontal | Forms the center crossbar. |
| **DP** | Decimal Point | Used for floating-point numbers. |
### 3. Absolute Maximum Ratings
To prevent damage to the LB-A1-R1, the following electrical limits should be observed (typical values for Red LEDs):
* **Forward Current ($I_f$):** 20mA - 25mA per segment.
* **Forward Voltage ($V_f$):** ~1.8V to 2.2V (Red).
* **Reverse Voltage ($V_r$):** 5V.
* **Operating Temperature:** -25°C to +85°C.
### 4. Application Circuitry
When connecting this part to a microcontroller (like an Arduino or ESP32), it is crucial to use **Current Limiting Resistors** for each segment.
```cpp
// Example: Calculating Resistor Value
// R = (V_source - V_forward) / I_forward
// If using 5V: (5V - 2.0V) / 0.02A = 150 Ohms
```
1. **Direct Drive:** Each pin is connected to a GPIO via a resistor.
2. **Multiplexed Drive:** Used when multiple digits are used together to save GPIO pins.
3. **Driver ICs:** Often used with the **MAX7219** or **74HC595** shift registers to simplify control.
---
- ⤷What is the difference between Common Anode and Common Cathode versions of the LB-A1?
- ⤷ How do I identify the pinout for segment 'a' on this specific package?
- ⤷ Can I drive the LB-A1-R1 directly from a 3.3V microcontroller?