công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LARA-R6

  • AI
    The **u-blox LARA-R6** series is a compact, multi-mode LTE Cat 1 module designed for global connectivity. It is popular in IoT applications due to its small form factor and robust feature set. --- ## 1. Core Electronic Components The LARA-R6 is built on a highly integrated architecture. Below are the primary electronic sections within the module: | Component Category | Description | | :--- | :--- | | **Baseband Processor** | The "brain" that handles LTE protocol stacks, power management, and data processing. | | **RF Transceiver** | Manages the conversion between digital signals and high-frequency radio waves. | | **Front-End Module (FEM)** | Includes Power Amplifiers (PA), Low Noise Amplifiers (LNA), and antenna switches. | | **Memory** | Integrated Flash and RAM for firmware execution and data buffering. | | **Power Management (PMU)** | Regulates internal voltages and optimizes power consumption for battery-operated devices. | --- ## 2. Interface Specifications To integrate the LARA-R6 into a PCB design, engineers utilize several standard hardware interfaces: ### Data and Communication * **USB 2.0:** High-speed interface for data transfer and firmware updates. * **UART:** Dual UART interfaces (Main and Auxiliary) for AT commands and trace logs. * **I2C:** Used for controlling external peripherals like sensors or audio codecs. ### Audio and SIM * **Digital Audio (I2S):** Supports Voice over LTE (VoLTE) via a digital interface. * **SIM Interface:** Supports dual SIM (dual standby) with 1.8V and 3.0V SIM cards. --- ## 3. Physical & Electrical Characteristics | Feature | Specification | | :--- | :--- | | **Form Factor** | 100-pin LGA (Land Grid Array) | | **Dimensions** | 24.0 x 26.0 x 2.6 mm | | **Voltage Supply** | 3.1 V to 4.5 V (Nominal 3.8 V) | | **Antenna Pins** | Main Antenna and Diversity Antenna (for improved Rx sensitivity) | --- ## 4. Model Variants Depending on the specific electronic configuration, the LARA-R6 comes in different versions: 1. **LARA-R6001:** Global coverage with 18 LTE bands and 3G/2G fallback. 2. **LARA-R6401:** Optimized for North American bands (AT&T, Verizon, FirstNet). 3. **LARA-R6801:** Region-specific variants with multi-band support. --- ### Implementation Example (Hardware Logic) When designing the power circuit for the LARA-R6, a low-ESR capacitor array is required to handle the high current ripples during LTE transmission bursts: ```markdown Required Power Circuitry: - Input Voltage: 3.8V - Peak Current: ~2.0A - Recommended Capacitance: 2x 47µF Tantalum + 100nF Ceramic (placed close to VCC pins) ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for LARA-R6 in deep sleep mode?
    • ⤷ Does the LARA-R6 support GNSS integration internally?
    • ⤷ What are the specific differences between the LARA-R6 and the LARA-R2 series?