công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LAM-1641-R82K-T

  • AI
    The **LAM-1641-R82K-T** is a high-frequency surface-mount (SMD) wire-wound chip inductor. It is designed primarily for use in RF (Radio Frequency) circuits where high stability and high Q-factors are required. --- ### Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.82 µH (820 nH) | | **Tolerance** | ±10% (Indicated by 'K') | | **Case Size** | 1608 (Metric) / 0603 (Inch) | | **Material** | Ceramic Core / Wire-wound | | **DC Resistance (DCR)** | Max 1.60 Ω | | **Rated Current** | ~200 mA | | **Self-Resonant Frequency (SRF)** | Min 300 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### Key Internal Components & Structure 1. **Ceramic Core:** Unlike power inductors that use ferrite cores to increase inductance, this part uses a ceramic body. Ceramic provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for high-frequency applications. 2. **Wire-Winding:** Fine copper wire is precision-wound around the ceramic core. Wire-wound inductors generally offer much lower DC resistance and higher Q (Quality) factors compared to multilayer chip inductors. 3. **Terminations:** The end caps are typically composed of a base layer of silver (Ag) or copper (Cu), plated with nickel (Ni) for heat resistance, and finished with tin (Sn) to ensure excellent solderability. --- ### Common Applications * **RF Matching Networks:** Used to match impedance between stages in wireless communication devices. * **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) for signal conditioning. * **Mobile Communication:** Integrated into smartphones, GPS modules, and Bluetooth/WLAN headers. * **Decoupling:** Filtering high-frequency noise out of power lines in sensitive RF ICs. --- ### Decoding the Part Number | Code Segment | Meaning | | :--- | :--- | | **LAM** | Series identifier (High-frequency wire-wound) | | **1641** | Package size/Physical dimensions | | **R82** | Inductance value (R = decimal point; 0.82 µH) | | **K** | Tolerance (K = ±10%) | | **T** | Packaging Style (T = Tape and Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic core and ferrite core inductors in RF circuits?
    • ⤷ How does the Q-factor of this inductor affect signal integrity?
    • ⤷ Can this part be used in power supply switching applications?