LAM-1641-R82K-B
AI

The **LAM-1641-R82K-B** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are commonly used in power management circuits to filter signals or store energy.
---
## 1. Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | The nominal inductance value (R82 indicates 0.82). |
| **Tolerance** | ±10% | Denoted by the "K" in the part number. |
| **Mounting Type** | SMD/SMT | Designed for automated surface mount assembly. |
| **Configuration** | Shielded/Unshielded | Usually features a magnetic shield to reduce EMI. |
| **Termination** | Lead-free | Compliant with RoHS standards for environmental safety. |
---
## 2. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's properties:
* **LAM**: Series prefix (often associated with high-current or power inductor families).
* **1641**: Case size dimensions (likely 1.6mm x 4.1mm or a specific internal manufacturer code).
* **R82**: Inductance value. The "R" acts as a decimal point ($0.82$ microhenries).
* **K**: Tolerance code ($K = \pm 10\%$, whereas $M = \pm 20\%$).
* **B**: Packaging or Revision code (often refers to Bulk or Tape & Reel packaging).
---
## 3. Common Applications
These inductors are typically found in the following electronic environments:
1. **DC-DC Converters:** Used for voltage regulation in smartphones and laptops.
2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines.
3. **LED Drivers:** Managing current flow to ensure stable brightness in display backlighting.
4. **Decoupling:** Protecting sensitive ICs from voltage spikes.
---
## 4. Key Performance Indicators
When integrating this part into a circuit, engineers look at these two critical ratings:
* **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage (usually 30%).
* **Irms (Temperature Rise Current):** The amount of continuous DC current that causes the component's temperature to rise by 40°C.
- ⤷
What are the equivalent alternatives for the LAM-1641 series?
- ⤷ How does the 'K' tolerance affect circuit performance compared to 'M'?
- ⤷ What is the maximum operating temperature for this specific inductor?