LADLD30G-SH2-R
AI

The **LADLD30G-SH2-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, low-noise DC output voltage while maintaining a very small difference between input and output voltage.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Low Dropout (LDO) Linear Regulator |
| **Output Voltage** | Adjustable or Fixed (Commonly Fixed at 3.0V in this series) |
| **Maximum Output Current** | 3.0A |
| **Dropout Voltage** | ~0.5V @ 3A (Typical) |
| **Input Voltage Range** | Up to 12V (Maximum Rating) |
| **Package Type** | HSOP-8 (Standard surface mount with thermal pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the suffix nomenclature helps in identifying the exact variant:
* **LADLD30**: The series name (Low Dropout Linear Regulator, 3.0A capacity).
* **G**: Halogen-free and RoHS compliant.
* **SH2**: Indicates the **HSOP-8** package style.
* **R**: Denotes the packaging method (Tape & Reel).
---
### 3. Core Features
* **High Current Delivery:** Unlike many standard LDOs that cap at 500mA or 1A, this part can deliver up to **3 Amperes**, making it suitable for high-power digital circuits.
* **Protection Circuitry:**
* **Current Limiting:** Protects the device during overloads.
* **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures.
* **Stability:** Optimized for use with low-ESR ceramic capacitors, reducing the overall PCB footprint.
* **Enable Pin:** Includes an "On/Off" control pin to reduce power consumption when the device is in standby.
---
### 4. Typical Application Circuit
When designing with the LADLD30G, a typical setup requires minimal external components:
```text
Input Voltage (Vin) ----[ Cin 10uF ]----( VIN ) ( VOUT )----[ Cout 10uF ]---- Output Voltage
( EN ) ( ADJ )
| |
Logic High Resistor Network (if Adj)
```
### 5. Common Use Cases
1. **Microprocessor Power:** Providing clean power to CPUs and FPGAs.
2. **Post-Regulator:** Following a switching power supply to remove high-frequency noise.
3. **Battery Powered Equipment:** Maximizing battery life due to the low dropout voltage.
4. **Peripheral I/O:** Powering high-speed communication modules that require stable 3.0V/3.3V rails.
---
- ⤷What is the thermal resistance of the HSOP-8 package for this device?
- ⤷ How does the dropout voltage vary with lower load currents?
- ⤷ What are the recommended values for the input and output capacitors?