công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LA5521

  • AI
    ## Overview of the LA5521 IC The **LA5521** is a monolithic integrated circuit specifically designed for **low-voltage DC motor speed control**. It was commonly used in portable audio equipment, such as cassette players and radio-recorders, to maintain a constant motor speed regardless of battery voltage fluctuations. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the LA5521: | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8V to 8.0V | | **Reference Voltage (Vref)** | Typically 1.2V | | **Maximum Output Current** | 700mA | | **Quiescent Current** | 1.0mA (Typical) | | **Package Type** | SIP-4 (Single In-line Package) | --- ### 2. Pin Configuration The LA5521 usually comes in a 4-pin package, making it very simple to integrate into small PCBs. | Pin Number | Name | Description | | :---: | :--- | :--- | | **1** | **Vcc** | Power Supply Input | | **2** | **Control** | Speed control adjustment pin (connected to a potentiometer) | | **3** | **Motor** | Output to the DC Motor | | **4** | **GND** | Ground / Common | --- ### 3. Functional Features * **Wide Operating Voltage:** Works efficiently on 3V, 4.5V, and 6V battery systems. * **Built-in Reference Voltage:** It includes an internal voltage reference to ensure stable motor RPM. * **Internal Temperature Compensation:** The IC adjusts for thermal changes to prevent speed drift as the device warms up. * **External Speed Adjustment:** By changing the value of a resistor or potentiometer connected to the control pin, the motor speed can be precisely calibrated. --- ### 4. Basic Application Circuit To use the LA5521, a few external components are required. The basic setup usually follows this logic: ```c [Vcc] ----+---- [Pin 1: LA5521] | | | [Pin 3: Motor Output] ---- (Motor +) | | | [Pin 2: Control] ---- (Potentiometer) ---- [GND] | | +---- [Pin 4: GND] ``` * **Resistor ($R_t$):** Connects between Pin 2 and Pin 3 to set the bridge balance. * **Potentiometer ($VR$):** Used to fine-tune the speed. * **Bypass Capacitor:** Usually a $10\mu F$ to $47\mu F$ capacitor is placed near Pin 1 to stabilize the input. --- ### 5. Common Use Cases 1. **Walkmans / Portable Cassette Players:** Maintaining steady playback speed. 2. **Toys:** Controlling small DC motor movements. 3. **Electronic Rotating Displays:** Ensuring a smooth, slow rotation.
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to the LA5521 for motor control?
    • ⤷ How do you calculate the resistor values for a specific motor speed?
    • ⤷ Can the LA5521 be used for PWM-based speed control?