LA3336-RU
AI

The **LA3336-RU** is a specialized Integrated Circuit (IC) primarily designed as a **PLL (Phase-Locked Loop) FM Stereo Multiplex Decoder**. It is commonly found in radio circuitry, specifically in automotive and portable audio systems.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Sanyo (acquired by ON Semiconductor) |
| **Function** | FM Stereo Multiplex Decoder |
| **Supply Voltage (Vcc)** | Typically 3.0V to 14.0V (Standard: 9.0V) |
| **Package Type** | DIP-16 (Dual In-line Package) |
| **Quiescent Current** | ~11.5 mA |
| **Channel Separation** | 45 dB (Typical) |
| **Total Harmonic Distortion (THD)** | 0.05% |
---
### 2. Core Functional Components
The IC integrates several electronic stages to process a composite FM signal into Left and Right audio channels:
* **Phase-Locked Loop (PLL):** Uses a voltage-controlled oscillator (VCO) to lock onto the 19kHz pilot signal from the FM broadcast.
* **Stereo Switch:** Automatically switches between Mono and Stereo modes depending on the signal strength and presence of the pilot carrier.
* **Pilot Canceller:** Built-in circuitry to reduce the 19kHz pilot leakage into the audio output, improving sound clarity.
* **Forced Mono Function:** Allows the system to be manually set to Mono to reduce noise in weak signal conditions.
* **VCO Stop:** A pin function to stop the oscillator, often used during AM reception to prevent interference.
---
### 3. Application Circuit Components
When using the LA3336-RU, several external passive components are required:
1. **Low-Pass Filter (LPF):** Connected to the input to remove high-frequency noise.
2. **De-emphasis Capacitors:** Connected to the output pins to restore the original frequency balance of the audio.
3. **VCO Resonator:** Usually an RC network (Resistor/Capacitor) or a ceramic resonator used to set the 76kHz free-running frequency (which is then divided down to 19kHz).
4. **Separation Potentiometer:** A variable resistor used to fine-tune the separation between the Left and Right channels.
---
### 4. Common Failure Symptoms
If the LA3336-RU or its surrounding components fail, you may notice:
* **Loss of Stereo:** The radio plays only in Mono, even with a strong signal.
* **No Audio Output:** If the internal amplifier or switching stage fails.
* **High Distortion:** Occurs if the PLL cannot lock onto the pilot frequency correctly.
- ⤷
What is the pinout configuration for the LA3336-RU DIP-16 package?
- ⤷ How do you adjust the VCO frequency for this specific IC?
- ⤷ Can the LA3336-RU be replaced with the LA3335 model?