L8221L-SH2-R
AI

## UTC L8221L-SH2-R Overview
The **L8221L-SH2-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by **Unisonic Technologies Co. (UTC)**. It is specifically designed for applications requiring high output current and low noise.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Output Type** | Adjustable (ADJ) |
| **Input Voltage Range** | Up to 6.5V |
| **Maximum Output Current** | 2.0A |
| **Dropout Voltage** | Low (typically ~400mV at full load) |
| **Package Type** | HSOP-8 |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Characteristics
The L8221L series is built using a CMOS process to achieve low power consumption and high efficiency. Key features include:
* **Fast Transient Response:** Ideal for powering modern processors and digital circuits where load changes occur rapidly.
* **Protection Circuits:**
* **Current Limiting:** Protects the device during short-circuit conditions.
* **Thermal Shutdown:** Automatically powers down if the junction temperature exceeds safety limits.
* **Enable Pin (EN):** Allows the regulator to be turned off via a logic signal to reduce power consumption in standby mode.
* **Stability:** Requires a ceramic output capacitor for stability, typically around 10µF.
---
### 3. Pin Configuration (HSOP-8)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **EN** | Enable pin (High = ON, Low = OFF) |
| 2 | **VIN** | Input Supply Voltage |
| 3 | **VO** | Regulated Output Voltage |
| 4 | **ADJ** | Feedback pin to set output voltage |
| 5-8 | **GND** | Ground / Thermal Heat Sink |
---
### 4. Part Number Decoder
Understanding the suffix **SH2-R**:
* **L8221L**: Base model (2A LDO).
* **SH2**: Indicates the **HSOP-8** package type.
* **R**: Denotes **Tape and Reel** packaging for automated assembly.
---
### 5. Common Applications
* Battery-powered equipment.
* Post-regulation for switching power supplies.
* Motherboards and Graphic cards.
* Microprocessor and FPGA core power supplies.
- ⤷What are the calculation formulas for setting the output voltage using the ADJ pin?
- ⤷ What is the recommended ESR for the output capacitor to ensure stability?
- ⤷ How does the L8221L compare to the standard LM1117 in terms of dropout voltage?