L8-E-R/
AI

The **L8-E-R** typically refers to a specific series of high-performance **LED Indicator Lamps** (often manufactured by companies like IDEC or similar industrial component brands). These are widely used in control panels, automation systems, and industrial machinery.
Below is a technical breakdown of its electronic components and specifications.
---
### 1. Technical Specifications
The "L8" series is characterized by its miniature size and reliability. Here are the common electrical parameters:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Pilot Light / Indicator |
| **Lens Shape** | Square / Rectangular (varies by sub-model) |
| **Termination** | Solder Terminal or Tab Terminal |
| **Illumination** | Integrated High-Intensity LED |
| **Operating Voltage** | Typically 6V, 12V, or 24V DC (Model dependent) |
| **Current Draw** | Low (approx. 8mA to 20mA) |
---
### 2. Internal Electronic Parts
The L8-E-R is not a single component but an assembly of several electronic parts designed to function as a signaling device:
1. **LED Die:** The light source itself, usually a Gallium Arsenide (GaAs) or similar semiconductor that emits light when forward-biased.
2. **Current-Limiting Resistor:** Built directly into the housing. This protects the LED from burning out by restricting the flow of current based on the rated voltage.
3. **Polarity Protection Diode:** Often included to prevent damage if the DC power supply is connected backward.
4. **Diffuser:** A plastic/polycarbonate lens (The "R" in the suffix usually stands for **Red**) that spreads the light evenly across the surface.
---
### 3. Part Number Decoding (L8-E-R)
While manufacturers have slight variations, the code generally breaks down as follows:
* **L8:** The series identifier (Miniature 8mm or similar mounting hole size).
* **E:** Usually denotes the housing style or the specific electrical configuration (e.g., Extended or Encapsulated).
* **R:** The color code for **Red**.
---
### 4. Key Advantages
* **Longevity:** LEDs have a lifespan of 50,000+ hours compared to incandescent bulbs.
* **Low Heat:** Because they are highly efficient, they do not melt plastic enclosures.
* **Vibration Resistance:** Solid-state construction makes them ideal for heavy machinery.
- ⤷
What are the different mounting hole sizes available for the L8 series?
- ⤷ How do I calculate the external resistor if I want to use a higher voltage than 24V?
- ⤷ Is the L8-E-R compatible with AC power sources?