L3380L-40-AF5-R
AI

## Analysis of the L3380L-40-AF5-R Electronic Part
The **L3380L-40-AF5-R** is a specific low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while maintaining high efficiency through a low dropout voltage.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's key characteristics:
| Code | Description | Details |
| :--- | :--- | :--- |
| **L3380** | Base Series | Low Dropout Linear Regulator series |
| **L** | Lead-Free | Indicates RoHS compliance (Lead-free) |
| **40** | Output Voltage | Fixed output of **4.0V** |
| **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) |
| **R** | Packing | Tape & Reel |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | 4.0V (Fixed) |
| **Input Voltage ($V_{IN}$)** | Up to 6.0V or 7.0V (varies by manufacturer) |
| **Output Current ($I_{OUT}$)** | Typically 150mA to 300mA |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
| **Quiescent Current** | Low power consumption, ideal for battery devices |
| **Package** | 5-pin SOT-25 (Surface Mount) |
---
### 3. Pin Configuration (SOT-25)
A standard 5-pin LDO in an AF5/SOT-25 package typically follows this layout:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **EN (CE)**: Enable / Chip Enable (High = On, Low = Off).
4. **NC/BYP**: No Connection or Bypass Capacitor pin (for noise reduction).
5. **VOUT**: Regulated Output Voltage.
---
### 4. Key Features & Applications
* **High Accuracy**: Maintains a stable 4.0V output with minimal deviation.
* **Protection Circuits**: Usually includes Thermal Shutdown and Current Limiting.
* **Low Noise**: Suitable for sensitive RF and analog circuits.
**Common Applications:**
* Mobile Phones and Smartphones.
* Battery-powered portable equipment.
* Laptop and Palmtop computers.
* Reference voltage sources for ADCs.
---
- ⤷
What are the equivalent alternative parts for the L3380L-40?
- ⤷ How does the 'Enable' pin function in low-power modes?
- ⤷ What size bypass capacitor is recommended for the AF5 package?