L3080L-AB5-R
AI

The **L3080L-AB5-R** is a specific part number for a low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is part of the L3080 series, designed for applications requiring high efficiency and stable voltage regulation.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | CMOS Low Dropout Regulator (LDO) |
| **Fixed Output Voltage** | 0.8V to 5.0V (Standard variants, check suffix for specific V) |
| **Maximum Output Current** | 300 mA |
| **Input Voltage Range** | 2.5V to 6.0V |
| **Quiescent Current** | ~60μA (Typical) |
| **Dropout Voltage** | ~200mV @ 300mA |
| **Package Type** | SOT-89 (AB5 Code) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact physical and electrical characteristics:
* **L3080**: The base series model (300mA LDO).
* **L**: Lead-free / Halogen-free (RoHS compliant).
* **AB5**: Refers to the **SOT-89** package type.
* **R**: Tape and Reel packaging.
---
## 3. Key Electronic Features
### A. Low Dropout Voltage
This part is designed to maintain a stable output even when the input voltage is very close to the output voltage. This minimizes power dissipation and heat, making it ideal for battery-powered devices.
### B. High Ripple Rejection (PSRR)
The L3080 series typically features a high Power Supply Rejection Ratio, which filters out high-frequency noise from the input power source, ensuring a clean DC output for sensitive ICs.
### C. Protection Circuitry
The device includes internal protection mechanisms:
* **Thermal Shutdown:** Protects the IC if the junction temperature exceeds limits.
* **Current Limiting:** Prevents damage during a short circuit or overload condition.
---
## 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors. Below is the standard configuration:
```text
Input (Vin) ----[ C1: 1uF ]----( V_IN [L3080] V_OUT )----[ C2: 1uF ]---- Output (Vout)
|
(GND)
```
* **C1 (Input Capacitor):** Usually a 1μF ceramic capacitor to handle transient line changes.
* **C2 (Output Capacitor):** A 1μF to 10μF capacitor is required for loop stability.
---
## 5. Common Applications
* Battery-powered equipment (Mobile phones, cameras).
* Voltage reference for Microcontrollers (MCUs).
* Portable audio and video players.
* Wireless communication modules.
- ⤷
What is the exact output voltage for the L3080L-AB5-R variant?
- ⤷ How does the SOT-89 package thermal performance compare to a SOT-23?
- ⤷ Can this LDO be used with a 12V input source?