công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • L3-R6

  • AI
    Based on your query, **L3** and **R6** are standard alphanumeric designators used in electrical engineering and PCB (Printed Circuit Board) design to identify specific components. ### Component Identification | Designator | Component Type | Function in Circuit | | :--- | :--- | :--- | | **L3** | **Inductor** | Stores energy in a magnetic field; filters high-frequency noise or regulates voltage. | | **R6** | **Resistor** | Limits electrical current flow or provides a specific voltage drop. | --- ### Detailed Breakdown #### 1. L3 (The Inductor) The letter **"L"** is the standard symbol for an inductor. The number **"3"** indicates it is the third inductor listed in the schematic. * **Common Uses:** Used in DC-DC converters (buck/boost), power supply filtering (chokes), and radio frequency (RF) tuning. * **Key Parameters:** Measured in Henries (H), typically microHenries (µH) or milliHenries (mH). * **Appearance:** Usually a coil of wire, sometimes encapsulated in a small plastic or ceramic surface-mount (SMD) package. #### 2. R6 (The Resistor) The letter **"R"** is the standard symbol for a resistor. The number **"6"** indicates it is the sixth resistor in the design. * **Common Uses:** Pull-up/pull-down resistors for digital logic, current limiting for LEDs, or part of a voltage divider. * **Key Parameters:** Measured in Ohms (Ω). It also has a power rating (Watts) and tolerance percentage (e.g., ±5%). * **Appearance:** Small rectangular chips (SMD) or cylindrical bodies with color-coded bands (Through-hole). --- ### How they work together In many circuit designs, an inductor and a resistor might be placed near each other for specific purposes: * **RL Filter:** L3 and R6 can form an RL filter to smooth out signals or remove specific frequencies. * **Power Rail Decoupling:** L3 might be used to block high-frequency noise from a power source, while R6 could be used to sense the current passing through that line. --- ### Code Example: Netlist Representation In SPICE simulation software, these parts would be represented as follows: ```spice * Component Name | Node 1 | Node 2 | Value L3 1 2 10uH R6 2 0 1k ```
    ✨ Follow-up Questions
    • ⤷ What are the typical values for L3 and R6 in a smartphone charging circuit?
    • ⤷ How do I identify the physical size of SMD L3 and R6 components?
    • ⤷ What happens if L3 or R6 fails in a circuit?