L2PE-6J-R
AI

The **L2PE-6J-R** is a specific part number belonging to the category of high-performance **SFP+ (Small Form-factor Pluggable Plus)** optical transceiver modules. These components are essential in fiber optic networking for converting electrical signals into optical signals and vice versa.
---
## Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) |
| **Data Rate** | Supports up to 10 Gbps (Gigabit per second) |
| **Wavelength** | Typically 850nm (Short Range) or 1310nm (Long Range) |
| **Connector Type** | Dual LC (Lucent Connector) |
| **Media Type** | Multi-Mode Fiber (MMF) or Single-Mode Fiber (SMF) |
| **Supply Voltage** | 3.3V |
| **Compliance** | SFP+ MSA, RoHS, IEEE 802.3ae |
---
## Key Electronic Components
The internal architecture of the L2PE-6J-R consists of several critical electronic sub-assemblies:
### 1. Optical Sub-Assemblies (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often a VCSEL for short range or a DFB laser for long range) that converts electrical data streams into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode or APD (Avalanche Photodiode) to detect incoming light and convert it back into an electrical current.
### 2. Signal Processing Integrated Circuits (ICs)
* **Laser Driver:** An IC that modulates the laser diode according to the data input.
* **Limiting Amplifier / TIA (Transimpedance Amplifier):** The TIA converts the low-level current from the ROSA into a voltage, which the limiting amplifier then cleans up to provide a standard logic signal.
### 3. Digital Diagnostics Monitoring (DDM/DOM)
The "6J" designation often indicates the presence of an **EEPROM** and a **Microcontroller** that support real-time monitoring of:
* Temperature
* Supply Voltage
* Laser Bias Current
* Optical Transmit Power
* Optical Receive Power
---
## Applications
The L2PE-6J-R is primarily used in enterprise and data center environments for:
* **10G Ethernet:** Connecting switches, routers, and servers over fiber.
* **Fibre Channel:** Used in Storage Area Networks (SAN).
* **Data Center Bridging:** High-speed interconnects between racks.
---
- ⤷
What is the maximum transmission distance for the L2PE-6J-R?
- ⤷ Is this module hot-swappable in a live network switch?
- ⤷ Which brands of network switches are compatible with this specific part number?