L2PE-66-R
AI

The **L2PE-66-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and noise filtering.
Below is a detailed breakdown of its specifications and electronic properties.
---
### 1. General Specifications
The "L2PE" series usually refers to high-current, low-profile power inductors designed for modern compact electronics.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance Value** | Typically 6.6 µH (indicated by the "66" code) |
| **Shielding** | Magnetically Shielded (to reduce EMI) |
| **Core Material** | Ferrite or Metal Alloy Composite |
---
### 2. Key Electrical Parameters
To understand how this part functions in a circuit, consider these three critical parameters:
1. **Inductance (L):** Usually measured in microhenries (µH). This part is designed to store energy in a magnetic field when electric current flows through it.
2. **DC Resistance (DCR):** The internal resistance of the copper wire used in the coil. A lower DCR is preferred to minimize heat loss and maximize efficiency.
3. **Saturation Current (Isat):** The maximum current at which the inductance drops by a specific percentage (usually 20-30%). Exceeding this causes the inductor to lose its effectiveness.
---
### 3. Application Use Cases
The L2PE-66-R is commonly found in the following electronic environments:
* **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to smooth out current ripples.
* **Battery Powered Devices:** Found in laptops, tablets, and smartphones due to its small footprint and high efficiency.
* **Voltage Regulator Modules (VRM):** Provides stable power to CPUs or GPUs.
* **Noise Filtering:** Acts as a low-pass filter to prevent high-frequency noise from interfering with sensitive components.
---
### 4. Typical Physical Characteristics
The "R" suffix often denotes the packaging style (e.g., Tape and Reel) or a specific tolerance/RoHS compliance.
```yaml
Package_Style: Shielded Drum Core
Material: Lead-free, RoHS compliant
Terminal_Finish: Tin (Sn) or Silver (Ag)
Operating_Temperature: -40°C to +125°C (standard range)
```
---
- ⤷What is the current rating for the L2PE-66-R?
- ⤷ Can I substitute a 6.8µH inductor for a 6.6µH L2PE-66-R?
- ⤷ Which manufacturers typically produce the L2PE series?