L2PA-60-R
AI

The **L2PA-60-R** is a high-performance **Linear Power Amplifier (LPA)** module, typically utilized in wireless communication systems, signal boosters, and laboratory testing environments. It is designed to amplify low-power signals to a higher power level with minimal distortion.
---
### 1. Key Technical Specifications
The "60" in the model name usually refers to the gain or the frequency range, depending on the specific manufacturer iteration (often associated with brands like L-com or Pasternack).
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Frequency Range** | Usually covers 700 MHz to 2700 MHz (Broadband) |
| **Gain** | Approximately 50–60 dB |
| **Output Power (P1dB)** | +30 to +40 dBm (1W to 10W range) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Connector Type** | SMA Female (Input/Output) |
| **Voltage Supply** | +12V to +28V DC |
---
### 2. Core Electronic Components
The internal architecture of the L2PA-60-R consists of several critical stages:
1. **Input Attenuator/Limiter**: Protects the sensitive pre-amplifier stage from over-powering by the input source.
2. **Driver Stage**: A preliminary amplification stage that boosts the signal to a level sufficient to drive the final power transistor.
3. **Final Power Transistor (GaN or LDMOS)**: The heart of the unit. Gallium Nitride (GaN) or LDMOS transistors are used for high efficiency and linear performance across a wide bandwidth.
4. **Heat Sink & Thermal Management**: Because linear amplifiers dissipate a significant amount of energy as heat, the "R" often signifies a ruggedized housing with integrated cooling fins.
5. **Biasing Circuitry**: Ensures the transistors operate in **Class A** or **Class AB** for maximum linearity, reducing harmonic distortion.
---
### 3. Functional Features
* **Linearity**: Crucial for digital modulations (like LTE or 5G). It ensures the output signal is a faithful reproduction of the input without clipping.
* **Protection Circuits**: Most models include VSWR (Voltage Standing Wave Ratio) protection to prevent damage if the antenna is disconnected or mismatched.
* **Status Indicators**: Usually equipped with LED indicators for DC Power and sometimes an ALC (Automatic Level Control) indicator.
---
### 4. Applications
* **Signal Boosting**: Enhancing cellular coverage in dead zones.
* **Laboratory Testing**: Used as a driver for high-power antennas during EMC testing.
* **Remote Radio Heads (RRH)**: Serving as the power output stage for small cell base stations.
- ⤷
What is the exact maximum input power rating for the L2PA-60-R to avoid damage?
- ⤷ Does this model support Gallium Nitride (GaN) technology for higher efficiency?
- ⤷ What are the specific DC power requirements and current draw for this amplifier?