công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • L2PA-53-R

  • AI
    ### Overview of the L2PA-53-R The **L2PA-53-R** is a high-performance, broadband, coaxial power amplifier designed for radio frequency (RF) applications. It is typically manufactured by **Mini-Circuits**. This component is engineered to provide high gain and linear power across a wide frequency spectrum. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the L2PA-53-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 50 MHz to 3000 MHz | | **Gain** | ~28 dB | | **P1dB (Output Power)** | +24 dBm | | **IP3 (Intercept Point)** | +38 dBm | | **Operating Voltage** | +12V DC | | **Current Consumption** | ~250 mA | | **Connector Type** | SMA (Female) | --- ### Key Electronic Components & Features 1. **Internal MMIC Technology**: The heart of the device is a Monolithic Microwave Integrated Circuit (MMIC). This integrated chip provides the necessary amplification stages within a small footprint. 2. **Internal Matching Circuitry**: The device includes input and output matching networks that ensure a $50 \Omega$ impedance. This minimizes signal reflection (VSWR) without requiring external tuning components. 3. **DC Bias Protection**: The L2PA-53-R typically includes internal protection against voltage transients and reverse polarity, ensuring the longevity of the internal semiconductor. 4. **Heat Dissipation Housing**: The exterior casing acts as a passive heatsink. Because it operates in Class A or AB for linearity, it generates heat that must be dissipated through the aluminum chassis. --- ### Application Use-Cases * **Signal Boosting**: Used to amplify low-power signals from oscillators or synthesizers. * **Test and Measurement**: Often found in laboratory environments to overcome cable losses in high-frequency test setups. * **Communication Systems**: Used in VHF, UHF, and cellular band transmitters to drive power stages. --- ### Installation Considerations When integrating this part into an electronic system, observe the following: * **Thermal Management**: Ensure the amplifier is mounted to a surface that can conduct heat away from the housing. * **DC Power Stability**: Use a regulated 12V supply to avoid gain fluctuations or damage. * **ESD Sensitivity**: Like all high-frequency semiconductors, it is sensitive to Electrostatic Discharge; handle with appropriate grounding.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input power limit for the L2PA-53-R to avoid damage?
    • ⤷ How does the gain flatness vary across the 50 MHz to 3000 MHz range?
    • ⤷ Is this amplifier suitable for pulsed RF applications or only continuous wave?