L0402PS-R3
AI

The **L0402PS-R3** is a specialized surface-mount (SMD) electronic component, specifically a **High-Frequency Chip Inductor**. It is designed for use in RF (Radio Frequency) circuits where high precision and low loss are required.
---
### 1. Component Overview
The part number can be broken down into its technical specifications:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **L** | Component Type | Inductor |
| **0402** | Package Size | 1.0mm x 0.5mm (EIA 0402) |
| **PS** | Series Code | Typically denotes High-Q or Power-Saving characteristics |
| **R3** | Value | 0.3 µH (Microhenries) or 300 nH |
---
### 2. Key Technical Specifications
While exact specs vary slightly by manufacturer (such as Murata or Taiyo Yuden), the general parameters for a 0.3µH 0402 inductor are as follows:
* **Inductance:** 300 nH (R3)
* **Tolerance:** Usually ±5% or ±10%
* **Package Size:** 0402 (Metric 1005)
* **Construction:** Typically **Multilayer Ceramic** or **Wire-wound** (Multilayer is more common for this specific part numbering).
* **Self-Resonant Frequency (SRF):** High SRF, allowing the part to maintain inductive properties at high frequencies (GHz range).
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
---
### 3. Common Applications
Due to its small footprint and high-frequency performance, the L0402PS-R3 is found in:
1. **Impedance Matching:** Used in antenna circuits to match the impedance of the transceiver to the antenna.
2. **Filtering:** Low-pass or band-pass filters in mobile phones and Wi-Fi modules.
3. **RF Decoupling:** Preventing high-frequency noise from entering power supply rails.
4. **Bluetooth/IoT Devices:** Compact electronics where PCB real estate is extremely limited.
---
### 4. Comparison Table: Package Sizes
| Size Code (EIA) | Dimensions (mm) | Common Usage |
| :--- | :--- | :--- |
| **0201** | 0.6 x 0.3 | Ultra-compact (Smartphones) |
| **0402** | **1.0 x 0.5** | **Standard High-Density PCB** |
| **0603** | 1.6 x 0.8 | General Purpose |
---
- ⤷
What is the difference between a wire-wound and a multilayer chip inductor?
- ⤷ How do I calculate the self-resonant frequency for an inductor like this?
- ⤷ Which manufacturers produce the L0402PS series specifically?