AI

Based on your request, the **L-A44-R** typically refers to a specific series of **LED indicator components** or signal lamps used in industrial control panels. Below is a breakdown of its technical specifications and electronic properties.
---
### 1. Technical Overview
The L-A44-R is primarily a **Red LED Indicator Light**. These are designed to be mounted on control boards to signify power status, errors, or operational states.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Indicator Lamp |
| **Color** | Red (R) |
| **Mounting Diameter** | Usually 22mm (Standard Industrial) |
| **Lighting Source** | High-brightness LED |
| **Body Material** | Flame-retardant Plastic / Metal housing |
---
### 2. Key Electronic Components
Inside an L-A44-R assembly, several electronic parts work together to ensure the LED functions safely within industrial voltage ranges:
* **LED Chip:** The light-emitting diode that produces the red light. It is chosen for low power consumption and long operational life (typically >50,000 hours).
* **Current Limiting Resistor:** A surface-mount or axial resistor that prevents the LED from burning out by limiting the forward current.
* **Protection Diode:** Often included to protect the circuit against reverse polarity (DC models) or to handle half-wave rectification (AC models).
* **Terminals:** Screw-type or plug-in connectors (usually labeled X1 and X2) for wiring into the main circuit.
---
### 3. Electrical Characteristics
Depending on the specific sub-model (e.g., 12V, 24V, 110V, or 220V), the electronic behavior varies:
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 12V DC, 24V AC/DC, or 220V AC |
| **Operating Current** | $\le$ 20mA |
| **Insulation Resistance** | $\ge$ 2MΩ |
| **Frequency (AC)** | 50Hz - 60Hz |
| **Brightness** | $\ge$ 100 $cd/m^2$ |
---
### 4. Circuit Diagram Representation
In a schematic, the L-A44-R is represented as a standard lamp or LED symbol:
```text
(X1) ----|>|----[ R ]---- (X2)
LED Resistor
```
---
- ⤷
What are the different voltage variants available for the L-A44 series?
- ⤷ How does the L-A44-R compare to incandescent indicator lights in terms of power draw?
- ⤷ What is the IP rating for the L-A44-R in industrial environments?