công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWVS2-CCC-R

  • AI
    The **KWVS2-CCC-R** is a specific electronic component, typically identified as a high-precision, surface-mount (SMD) current sense resistor or a shunt resistor. These components are vital for monitoring current flow in power management systems. --- ## Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Material** | Metal Alloy (Low Resistance) | | **Mounting Type** | Surface Mount (SMD) | | **Tolerance** | Usually $\pm$1% or $\pm$0.5% | | **Stability** | Low TCR (Temperature Coefficient of Resistance) | --- ## Key Features ### 1. Low Resistance Value These parts are designed with extremely low ohmic values (milli-ohms). This ensures that the voltage drop across the resistor is minimal, preventing power loss while still allowing for accurate measurement. ### 2. High Precision Because it is used for sensing, the resistance must be highly accurate. The **CCC** suffix often denotes a specific precision grade or packaging standard within the manufacturer's series. ### 3. Thermal Management The metal alloy construction allows the part to handle heat dissipation effectively. This is crucial because current flow generates heat, which can change the resistance value if the part is not thermally stable. --- ## Typical Applications The KWVS2 series is commonly found in the following circuits: * **Battery Management Systems (BMS):** Measuring charge and discharge rates in lithium batteries. * **DC-DC Converters:** Providing feedback loops for current regulation. * **Motor Control:** Detecting overcurrent conditions to protect the motor and driver. * **Smart Chargers:** Monitoring current to ensure safe charging profiles. --- ## Circuit Implementation In a standard circuit, the KWVS2-CCC-R is placed in series with the load. The voltage drop ($V$) measured across the resistor is then calculated using Ohm's Law ($I = V/R$) by a microcontroller or a dedicated current-sense amplifier. ```c // Pseudo-code for calculating Current (I) float resistance = 0.005; // Example 5 mOhm float voltageDrop = readADC(); // Voltage measured across the part float current = voltageDrop / resistance; ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the KWVS2-CCC-R?
    • ⤷ What are the common footprints for the KWVS2 series?
    • ⤷ How does temperature affect the accuracy of this shunt resistor?