KWVS2-2BA-R
AI

Based on the part number **KWVS2-2BA-R**, this component is a **Miniature Vertical-Mount Tactile Switch** typically manufactured by companies like Diptronics or similar electronic component vendors. These switches are commonly used in consumer electronics, instrumentation, and control panels.
---
### 1. Technical Specifications
Below are the typical technical parameters for the KWVS2 series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-Hole, Vertical Right Angle |
| **Actuator Height** | 2.1mm (from base) |
| **Operating Force** | 160gf ± 50gf (Standard) |
| **Contact Rating** | 50mA, 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min at 500V DC |
| **Operating Life** | 50,000 to 100,000 cycles |
---
### 2. Physical Construction
The "KWVS2" designation breaks down into specific physical characteristics:
1. **Vertical Orientation:** The switch is designed to be mounted perpendicular to the PCB, allowing the button to be pressed from the side (Side-actuated).
2. **Actuator Style:** Usually features a round plastic stem.
3. **Terminals:** Two or four pins depending on the specific sub-model, designed for wave soldering.
4. **Seal:** The "-R" suffix often indicates **RoHS Compliance** or specific packaging (like Reel or Bag depending on manufacturer nomenclature).
---
### 3. Application Use Cases
Because of its small footprint and side-actuation, it is ideal for:
* **Reset Buttons:** Located on the side of a device casing.
* **Volume/Navigation:** Side buttons on handheld devices.
* **Industrial Controls:** Compact interface panels.
* **Consumer Electronics:** Wearables or small household appliances.
---
### 4. Circuit Diagram (Internal)
The switch operates as a simple **SPST-NO** (Single Pole Single Throw - Normally Open) circuit:
```text
Term 1 (Input) Term 2 (Output)
o------------------/ ----------------o
(Momentary Push)
```
- ⤷What is the exact footprint dimensions for PCB layout?
- ⤷ Are there waterproof versions of this switch?
- ⤷ What is the difference between the 160gf and 260gf versions?