AI

The **KWTS-5AD-R** is a specific model of a **Tactile Switch** (also known as a push-button switch or micro-switch). These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide momentary physical feedback to the user.
---
### 1. Technical Specifications
The "KWTS" series typically follows standard industry specifications for small-form-factor switches. Below are the common parameters associated with this part number:
| Parameter | Typical Value |
| :--- | :--- |
| **Switch Type** | Momentary Tactile Switch |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Actuation Force** | 160gf to 250gf (grams-force) |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Voltage Rating** | 12V DC |
| **Current Rating** | 50mA |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Life Expectancy** | 50,000 to 100,000 Cycles |
---
### 2. Breakdown of the Model Name
While manufacturers may vary slightly, the nomenclature usually breaks down as follows:
* **KWTS:** Series identifier (Manufacturer specific, often tactile/micro-switch).
* **5A:** Likely refers to the physical dimensions (e.g., $5.2mm \times 5.2mm$ or similar base size).
* **D:** Often denotes the stem height or the "Direction" (Top-actuated vs. Side-actuated).
* **R:** Usually indicates **Tape and Reel** packaging (Surface Mount Device - SMD) for automated pick-and-place assembly.
---
### 3. Physical Construction
The internal mechanism consists of four primary electronic/mechanical parts:
1. **The Cover:** Usually stainless steel or brass, protecting the internal mechanism.
2. **The Stem (Actuator):** The plastic part the user presses. Its height determines the "D" parameter in the part number.
3. **The Contact Dome:** A snap-action metal disc (usually phosphor bronze or stainless steel with silver plating). This provides the "click" sound and completes the electrical circuit.
4. **The Base:** A heat-resistant thermoplastic (LCP or Nylon) that houses the terminals.
5. **Terminals:** Metal leads (usually 4 pins) used for soldering to a PCB.
---
### 4. Application Circuit
In most electronic circuits, the KWTS-5AD-R is used as a digital input. Because switches suffer from "contact bounce," a debouncing circuit or software delay is required.
```cpp
// Example: Arduino logic for reading a KWTS-5AD-R switch
const int buttonPin = 2;
void setup() {
pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor
}
void loop() {
int buttonState = digitalRead(buttonPin);
if (buttonState == LOW) {
// Switch is pressed, circuit is closed to ground
}
}
```
---
- ⤷What is the exact physical footprint (dimensions) of the KWTS-5AD-R?
- ⤷ What is the difference between top-actuated and side-actuated versions of this switch?
- ⤷ How does 'contact bounce' affect the performance of this switch in a digital circuit?