công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWSBS-2DC-R

  • AI
    The **KWSBS-2DC-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Push Button Switch** or a tactile micro-switch often used in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. Component Overview The KWSBS-2DC-R is designed for high-density mounting. The "2DC" usually refers to the physical configuration (Dual Contact or a specific terminal layout), and the "R" often denotes "Reel" packaging for automated pick-and-place assembly. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Switch Type** | Tactile / Momentary Push Button | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | Typically 1.6N to 2.5N (Standard tactile feel) | | **Termination Style** | Gull-wing or J-bend leads | | **Material (Body)** | High-temperature Thermoplastic (LCP/Nylon) | | **Material (Contacts)** | Silver-plated copper alloy or Stainless steel | --- ### 3. Internal Electronic & Mechanical Parts The switch consists of several critical sub-components that work together to complete an electrical circuit: 1. **Actuator (Button):** The top part that the user presses. It is usually made of hard plastic or silicone, designed to transfer the physical force to the internal dome. 2. **Contact Dome (The Heart):** A circular or cross-shaped metal disc (usually stainless steel). When pressed, it collapses to provide tactile feedback (the "click") and bridges the gap between the stationary contacts. 3. **Base (Housing):** An insulating plastic frame that holds the terminals in place. It is designed to withstand the high temperatures of reflow soldering. 4. **Terminals/Leads:** The metallic parts that extend out of the switch body. These are soldered onto the PCB (Printed Circuit Board) to integrate the switch into the device's circuitry. 5. **Cover/Shield:** A metal plate (often stainless steel) that snaps over the top to keep the internal components aligned and provide protection against dust or mechanical stress. --- ### 4. Circuit Application In most electronic designs, the KWSBS-2DC-R is used as a **Logic Signal Switch**. It is not intended to carry high power; instead, it sends a low-voltage signal (typically 3.3V or 5V) to a microcontroller (MCU) to trigger a function (e.g., Power On, Reset, or Menu Select). ```cpp // Example: Basic Arduino logic for a Tactile Switch const int buttonPin = 2; // Pin connected to KWSBS-2DC-R int buttonState = 0; void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Action when button is pressed } } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage and current rating for the KWSBS-2DC-R?
    • ⤷ What are the recommended reflow soldering profiles for this SMT switch?
    • ⤷ Are there waterproof (IP67) variants of this specific switch model?