công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWSBS-22B-R

  • AI
    ### KWSBS-22B-R: Technical Specifications and Overview The **KWSBS-22B-R** is a specific model of a **Miniature Rocker Switch**. These switches are commonly used in household appliances, power strips, and industrial control panels due to their compact size and reliable switching mechanism. --- ### 1. General Specifications Below are the typical technical parameters for this series: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Actuator Action** | On-Off (Latching) | | **Current Rating** | 6A 250V AC / 10A 125V AC | | **Contact Resistance** | ≤ 50mΩ | | **Insulation Resistance** | ≥ 100MΩ (500V DC) | | **Dielectric Strength** | 1500V AC / 1 minute | | **Operating Temperature** | -25°C to +85°C | | **Electrical Life** | ≥ 10,000 Cycles | --- ### 2. Physical Design and Dimensions The "R" in the suffix usually denotes a specific color or shape (often **Red** or **Round** depending on the manufacturer's catalog). * **Mounting:** Snap-in mounting for easy installation into rectangular panel cutouts. * **Terminals:** Usually features **Quick Connect** (solder/lug) terminals, typically 4.8mm or 6.3mm wide. * **Material:** The body is constructed from high-quality Nylon 66 (UL94V-2 flame retardant rating), and the contacts are often silver-plated copper alloy for high conductivity. --- ### 3. Application Use Cases The KWSBS-22B-R is designed for low to medium power applications: 1. **Small Appliances:** Toasters, coffee makers, and fans. 2. **Power Distribution:** Integrated into multi-socket power strips. 3. **Consumer Electronics:** Power switches for computer peripherals or audio equipment. 4. **DIY Electronics:** Frequently used in hobbyist projects involving 110V/220V mains power. --- ### 4. Circuit Diagram Representation For the standard SPST (2-pin) configuration: ```text (Terminal 1) ----/ ---- (Terminal 2) [OFF] [ON] ``` *When the rocker is pressed to the "ON" position, the internal bridge connects Terminal 1 to Terminal 2, completing the circuit.*
    ✨ Follow-up Questions
    • ⤷ Does this switch have an internal LED or neon indicator?
    • ⤷ What are the exact panel cutout dimensions for the KWSBS series?
    • ⤷ Can this switch be used for DC motor control?