công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWS-R-6

  • AI
    ### Overview of the KWS-R-6 Fuse The **KWS-R-6** is a high-performance **Class RK1** current-limiting fuse, specifically designed for industrial electrical protection. It is manufactured by Eaton's Bussmann Division and is part of the "Limitron" series. --- ### Technical Specifications The following table details the primary electronic and physical characteristics of the KWS-R-6: | Feature | Specification | | :--- | :--- | | **Current Rating** | 6 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) | | **Fuse Class** | Class RK1 | | **Body Material** | Melamine / Glass Polyester | | **Contact Material** | Silver-plated brass/copper ends | | **Standard Dimensions** | 5.0" x 0.81" (approx. 127mm x 21mm) | --- ### Key Electronic Functions #### 1. Fast-Acting Response Unlike time-delay fuses (which are designed to ignore momentary surges from motors), the KWS-R-6 is **fast-acting**. It responds almost instantaneously to overcurrents and short circuits, making it ideal for protecting sensitive components. #### 2. Current Limitation As a Class RK1 fuse, it provides a high degree of current limitation. In the event of a massive short circuit, the fuse clears the fault so quickly that the peak current never reaches its full potential, preventing thermal and magnetic damage to downstream equipment. #### 3. High Interrupting Capacity With a rating of **200kA**, this fuse can safely extinguish internal arcs even in environments with very high available fault currents (high-capacity utility transformers). --- ### Physical Components and Construction * **Internal Element:** A precisely calibrated silver or copper-alloy link. It is designed to melt at a specific thermal threshold. * **Arc Quenching Filler:** The interior is filled with high-purity silica sand. When the element melts, the sand turns into a non-conductive "fulgurite" (glass-like substance) that absorbs the energy of the electrical arc. * **Reject Feature:** The "R" in RK1 signifies a rejection feature. The end caps are shaped to ensure they can be used in rejection-style fuse clips, preventing someone from accidentally installing a lower-rated (Class H or K) fuse in the same slot. --- ### Common Applications The KWS-R-6 is typically used in the following electronic and electrical environments: 1. **Branch Circuit Protection:** Standard industrial power distribution. 2. **Control Transformers:** Protecting the primary side of small transformers. 3. **Resistance Heaters:** Where there are no high inrush currents. 4. **Solid-State Devices:** Sometimes used as supplementary protection for sensitive electronics (though semiconductor-specific fuses are more common for high-speed power electronics).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse in terms of circuit protection?
    • ⤷ Can the KWS-R-6 be used in DC voltage applications?
    • ⤷ What are the recommended fuse holders for a 600V Class RK1 fuse?