KWMS2-5WF-R
AI

The **KWMS2-5WF-R** is a high-performance **Surface Mount (SMD) Power Resistor**, typically categorized as a wirewound or metal film precision resistor designed for high-current sensing and power management applications.
### 1. Key Technical Specifications
The part number breakdown generally indicates the following parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Power Rating** | 5 Watts | Maximum power dissipation at $70^\circ\text{C}$ |
| **Mounting Type** | SMD / SMT | Surface mount design for automated PCB assembly |
| **Resistance Type** | Wirewound / Metal Element | High stability and surge handling capability |
| **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | Common precision levels for the "WF" series |
| **Operating Temp** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | Standard industrial temperature range |
---
### 2. Physical and Material Composition
The KWMS series is engineered to handle thermal stress effectively.
* **Core Material:** Usually a ceramic or high-thermal conductivity substrate.
* **Encapsulation:** Molded flame-retardant epoxy or silicone coating to protect against environmental factors.
* **Terminations:** Matte Tin (Sn) over Nickel (Ni) barriers to prevent leaching during soldering.
---
### 3. Applications and Usage
Due to its 5W power rating and SMD form factor, it is commonly found in:
1. **Power Supplies:** Used as a shunt resistor for current sensing in DC-DC converters.
2. **Motor Controllers:** Managing high-surge currents during motor startup.
3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV or industrial battery packs.
4. **Inverters:** Grid-tie or off-grid power inversion circuits.
---
### 4. Layout Recommendations (Footprint)
Because this is a 5W part, heat dissipation is critical. When designing the PCB:
* **Thermal Relief:** Use large copper pads to act as heat sinks.
* **Vias:** Incorporate thermal vias to transfer heat to internal ground/power planes.
* **Spacing:** Ensure adequate clearance from heat-sensitive components like electrolytic capacitors or microcontrollers.
- ⤷What are the specific dimensions of the KWMS2-5WF-R footprint?
- ⤷ What is the typical Temperature Coefficient of Resistance (TCR) for this part?
- ⤷ Can this resistor be used in pulse-loading applications?