công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWMS2-2E-R/Q

  • AI
    The **KWMS2-2E-R/Q** is a high-performance, ultra-compact motion sensor module based on **Microwave (Doppler) technology**. It is widely used in smart lighting, security systems, and IoT devices due to its high sensitivity and resistance to environmental interference (like wind or temperature changes). --- ### 1. Key Technical Specifications Below are the electronic characteristics typically associated with the KWMS2 series (R/Q variants): | Parameter | Specification | Note | | :--- | :--- | :--- | | **Operating Voltage** | 3.3V - 5V DC | Stable regulated power is recommended | | **Output Type** | High/Low Level (TTL) | High when motion is detected | | **Frequency** | ~5.8 GHz | C-band microwave frequency | | **Power Consumption** | < 10mA | Low power profile for energy efficiency | | **Sensing Distance** | 2m - 12m | Often adjustable via onboard resistor | | **Delay Time** | 2s - 30s | Configurable duration of the "High" signal | --- ### 2. Electronic Component Breakdown The module consists of several critical stages that process the microwave signal: #### A. Microwave Transceiver This is the heart of the module (usually a planar antenna integrated on the PCB). It emits a high-frequency electromagnetic wave. When this wave hits a moving object, it reflects back with a frequency shift (the **Doppler Effect**). #### B. Signal Amplification & Filtering The reflected signal is extremely weak. The module utilizes **Operational Amplifiers (Op-Amps)** to: * Filter out low-frequency noise (like power line hum). * Amplify the Doppler shift signal to a level that can be processed. #### C. Comparator / Processing IC The "R/Q" variants often feature a specific control IC that compares the amplified signal against a reference threshold. If the signal exceeds the threshold, the IC triggers the output pin. #### D. Photosensitive Interface (LDR) Many "Q" versions include a pin for a **Light Dependent Resistor (LDR)**. This allows the electronic circuit to be "inhibited" during daylight hours, ensuring the sensor only triggers at night to save energy. --- ### 3. Pin Configuration The module generally follows a standard 3-pin or 5-pin layout: 1. **VCC**: Power Supply (+). 2. **GND**: Ground (-). 3. **OUT**: Output signal (Digital 3.3V high). 4. **CDS (Optional)**: Connection for an external light sensor. 5. **ADJ (Optional)**: Connection for a potentiometer to adjust range/time. --- ### 4. Comparison: Microwave vs. PIR | Feature | KWMS2 (Microwave) | Traditional PIR | | :--- | :--- | :--- | | **Detection Method** | Active (Microwave reflection) | Passive (Heat/Infrared) | | **Penetration** | Can sense through glass/thin walls | Blocked by glass/plastic | | **Temp. Sensitivity** | Not affected by ambient heat | Accuracy drops in hot weather | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this part number?
    • ⤷ How can I adjust the sensing distance of the KWMS2-2E-R/Q?
    • ⤷ Can this sensor be used behind a plastic enclosure?