AI

The **KWMS2-0G-R** is a specific electronic component, primarily recognized as a **Micro Switch** (specifically a Sub-miniature type) often used in precision control and sensing applications.
Below is a detailed breakdown of its electronic specifications and features.
---
## 1. Component Overview
The KWMS2-0G-R belongs to the category of **Snap-Action Switches**. These are mechanical switches that require very little physical force to actuate, providing a "snap" feel and sound that confirms the connection.
| Attribute | Specification |
| :--- | :--- |
| **Type** | Sub-miniature Micro Switch |
| **Actuator Style** | Pin Plunger (Standard) |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Termination** | Solder Terminals / PCB Mount (Depending on exact sub-series) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
## 2. Electrical Specifications
These parameters define the limits of the switch's operation within a circuit.
* **Current Rating:** Typically rated between **0.1A to 5A** at 125/250VAC, depending on the contact material (Gold vs. Silver).
* **Insulation Resistance:** Usually $\ge 100M\Omega$ at 500VDC.
* **Contact Resistance:** $\le 30m\Omega$ to $50m\Omega$ (Initial).
* **Dielectric Strength:** Capable of withstanding $1,000VAC$ for 1 minute between non-connected terminals.
---
## 3. Mechanical Characteristics
The longevity and physical performance of the switch are governed by these mechanical factors:
1. **Operating Force (OF):** Requires a specific gram-force (e.g., $150g \pm 50g$) to compress the plunger.
2. **Release Force (RF):** The force the switch exerts to return to its rest position.
3. **Mechanical Life:** Generally rated for **1,000,000 cycles** or more.
4. **Electrical Life:** Generally rated for **10,000 to 100,000 cycles** at full load.
---
## 4. Part Number Breakdown (KWMS2-0G-R)
While manufacturers vary slightly, the nomenclature typically follows this pattern:
* **KWMS:** Series designation (Micro Switch).
* **2:** Size or current rating code (Sub-miniature).
* **0:** Actuator type (0 usually signifies a standard pin plunger).
* **G:** Contact Material (often signifies **Gold plating**, ideal for low-current signal switching to prevent oxidation).
* **R:** Compliance indicator (**RoHS** compliant).
---
## 5. Common Applications
Due to its small footprint and reliability, this part is found in:
* **Computer Peripherals:** Mouse buttons or keyboard switches.
* **Industrial:** Limit switches for small CNC machines or 3D printers.
* **Automotive:** Door latch sensing and seatbelt detection.
* **Consumer Electronics:** Power buttons on microwave ovens or coffee makers.
---
- ⤷
What is the difference between gold-plated and silver-plated contacts for this switch?
- ⤷ Can this switch be used in high-moisture environments?
- ⤷ What is the physical footprint/dimensions of the KWMS2 series?