công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWMS-GA-R/Q

  • AI
    The **KWMS-GA-R/Q** typically refers to a high-frequency, surface-mount (SMD) **RF Coaxial Switch** or **Connector** assembly, often used in telecommunications, testing equipment, and mobile devices. These components are designed to manage signal routing between an internal antenna and an external testing port. Below is a breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes specific packaging or orientation variants (e.g., Tape & Reel or specific contact geometries). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Microwave Coaxial Switch / RF Connector | | **Frequency Range** | DC to 6 GHz (Supports 4G/5G, Wi-Fi, Bluetooth) | | **Impedance** | 50 $\Omega$ (Standard for RF systems) | | **Insertion Loss** | < 0.2 dB to 0.5 dB (Depending on frequency) | | **Voltage Rating** | 250V AC (rms) | | **Durability** | ~500 to 1,000 Mating Cycles | | **Operating Temp** | -40°C to +85°C | --- ### 2. Electronic Functions The KWMS series acts as a "gatekeeper" for radio signals within a PCB. It serves two primary electronic roles: * **Normal Mode (Closed):** The internal switch connects the RF transceiver directly to the device's internal antenna. The signal passes through the connector with minimal loss. * **Bypass Mode (Open):** When an external probe (test cable) is inserted, the internal mechanical switch disconnects the internal antenna and reroutes the RF signal to the external testing equipment. ### 3. Physical & Material Composition To maintain signal integrity at high frequencies, the materials used are highly specialized: 1. **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering. 2. **Center Contact:** Gold-plated copper alloy. Gold is used to prevent oxidation and ensure low contact resistance over time. 3. **Outer Shell:** Stainless steel or copper alloy with silver or gold plating for electromagnetic shielding (EMI). 4. **Spring Mechanism:** An internal metal leaf spring that ensures the circuit returns to the "Normal Mode" once the test probe is removed. --- ### 4. Circuit Implementation In a schematic, this part is placed between the **Power Amplifier (PA)** and the **Antenna**. ```mermaid graph LR A[RF Transceiver] --> B{KWMS Switch} B -- Default Path --- C[Internal Antenna] B -- If Probe Inserted --- D[External Test Port] ``` ### 5. Application Areas * **Smartphones/Tablets:** Used for end-of-line production testing to verify signal strength. * **IoT Modules:** Providing a physical port for antenna tuning. * **Automotive Telematics:** Connecting external GPS or cellular antennas for diagnostics. ---
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions and footprint requirements for the KWMS-GA series?
    • ⤷ How does the insertion loss of this switch affect the overall Link Budget of an RF design?
    • ⤷ What is the difference between the 'R' and 'Q' variants in terms of mounting orientation?