công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KWADS-2BA-R/Q

  • AI
    The **KWADS-2BA-R/Q** is a high-performance, miniature tactile switch typically used in consumer electronics, automotive interfaces, and industrial controls. It belongs to the family of surface-mount (SMD) tact switches designed for durability and a crisp tactile response. --- ### ## Technical Specifications Below is a breakdown of the core electronic and mechanical characteristics of the KWADS-2BA-R/Q: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Circuit Type** | Normally Open (NO) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Force** | Typically 160gf or 250gf (varies by sub-model) | | **Rated Voltage** | 12V DC | | **Rated Current** | 50mA | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (at 100V DC) | | **Operating Life** | 100,000 to 500,000 cycles | --- ### ### Key Components and Construction The internal anatomy of this switch ensures reliable electrical connectivity: 1. **Actuator (The Button):** The top part that the user presses. In the "R/Q" variants, this is often a low-profile stem designed for compact devices. 2. **Contact Dome:** Usually made of stainless steel or phosphor bronze with silver plating. This acts as the "spring" that provides the click feel and closes the circuit. 3. **Base/Housing:** High-temperature resistant plastic (LCP or Nylon) capable of withstanding lead-free reflow soldering temperatures. 4. **Terminals:** Silver-plated brass leads for excellent conductivity and solderability. --- ### ### Decoding the Part Number While naming conventions vary slightly by manufacturer (often associated with brands like **Kailh** or **ALPS** equivalents), the suffix usually denotes specific physical traits: * **KWADS:** Series designation (Tactile Switch). * **2BA:** Size/Form factor (often 3.5x3.5mm or 4.5x4.5mm). * **R/Q:** "R" often stands for **Reel** packaging (Tape & Reel), while "Q" can refer to a specific **Operating Force** or **Height** requirement. --- ### ### Typical Applications Due to its small footprint and tactile feedback, it is commonly found in: * **Mobile Devices:** Volume and power buttons. * **Wearables:** Smartwatches and fitness trackers. * **Automotive:** Steering wheel controls and dashboard interfaces. * **Peripherals:** Computer mice and portable gaming consoles.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the KWADS-2BA-R/Q footprint?
    • ⤷ Is this switch rated for IP67 water and dust resistance?
    • ⤷ How does the reflow soldering profile look for this SMD component?