công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KV-KA-R/CE

  • AI
    The **KV-KA-R/CE** refers to a specific series of safety-related electronic components, typically associated with **proportional hydraulic valves** and **integrated digital amplifiers** (often manufactured by Atos). Below is a detailed breakdown of the electronic parts and specifications for this series. --- ### 1. Component Overview The "CE" suffix typically indicates compliance with European standards for safety and electromagnetic compatibility. These units are designed to interface electronic control signals with mechanical hydraulic force. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard) | | **Control Interface** | Analog (0-10V or 4-20mA) or Digital (Fieldbus) | | **Protection Class** | IP67 (Dust tight and immersion resistant) | | **Amplifier Type** | Integrated Digital (Internal PCB) | | **Safety Certification** | CE marked, often SIL/PL capable | --- ### 2. Key Electronic Parts & Sub-systems #### A. The Integrated Digital Amplifier Unlike traditional valves that require an external control card, the **KV-KA** series houses the electronics directly on the valve. * **Microprocessor:** Handles the PID loop control, ramp generation, and fault diagnostics. * **PWM Driver:** Converts the low-power control signal into a high-power **Pulse Width Modulation** signal to drive the solenoids efficiently. #### B. Feedback Sensors (LVDT) To ensure precision, these units often include a **Linear Variable Differential Transformer (LVDT)**. * **Function:** It monitors the actual position of the valve spool. * **Electronic Role:** It provides a closed-loop feedback signal to the internal amplifier to correct any deviations in flow or pressure. #### C. Connector Interface The unit usually features a multi-pin connector (often 7-pin or 12-pin M12/MIL standard). * **Pins 1-2:** Power Supply (24VDC). * **Pins 3-4:** Reference Signals (Input command). * **Pin 5:** Monitor Output (Voltage signal representing real-time spool position). * **Pin 6-7:** Enable signal and Ground. --- ### 3. Electronic Protection & Diagnostics The "CE" designation implies rigorous electronic protection circuits built into the hardware: 1. **Reverse Polarity Protection:** Prevents damage if the 24V DC leads are swapped. 2. **Short Circuit Protection:** Safeguards the internal amplifier against solenoid failure. 3. **EMI/EMC Filtering:** Electronic shields that prevent radio frequency interference from affecting the valve's performance. 4. **Status LEDs:** Built-in light indicators for "Power On," "Fault," and "Enable Status." --- ### 4. Technical Summary Table | Part Category | Electronic Function | Importance | | :--- | :--- | :--- | | **Solenoid Coils** | Electromagnetic Actuation | Converts electrical current into linear force. | | **A/D Converters** | Signal Processing | Translates analog PLC commands into digital data. | | **Thermal Protection** | Safety Monitoring | Shuts down the electronics if the coil exceeds safe temperatures. | | **Null Adjustment** | Calibration | Potentiometers or software offsets to align the "zero" position. | ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero-point on a KV-KA series digital amplifier?
    • ⤷ What are the most common fault codes indicated by the onboard LEDs?
    • ⤷ Can these valves be controlled via CANopen or Profibus protocols?