công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KV-C2-R/CE

  • AI
    The **KV-C2-R/CE** is a specific electronic component produced by **Panasonic** (formerly Matsushita). It belongs to the **KV series** of connectors, specifically categorized as a **Board-to-Wire interface connector**. These are commonly used in industrial automation, internal wiring of electronic devices, and telecommunication equipment. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of the KV-C2-R/CE: | Feature | Specification | | :--- | :--- | | **Component Type** | Connector Receptacle / Socket | | **Series** | KV Series | | **Pitch** | 2.5 mm | | **Number of Rows** | Single Row | | **Termination Method** | IDC (Insulation Displacement Connector) | | **Contact Plating** | Gold or Tin (depending on specific batch/suffix) | | **Housing Material** | Polybutylene Terephthalate (PBT) | | **Current Rating** | Typically 1A to 3A (AC/DC) | | **Voltage Rating** | 250V AC/DC | --- ### 2. Key Features * **IDC Technology:** The "R" in the part number often signifies the use of Insulation Displacement Technology. This allows the wire to be connected to the terminal without stripping the insulation, which speeds up assembly and ensures a gas-tight connection. * **Locking Mechanism:** These connectors usually feature a friction lock or a positive locking tab to ensure they do not disconnect under vibration. * **CE Marking:** The **"CE"** suffix indicates that the component complies with European Union health, safety, and environmental protection standards. * **Compact Design:** Designed for high-density mounting on Printed Circuit Boards (PCBs). --- ### 3. Connection Pinout & Wiring The KV-C2-R/CE is the **female receptacle** part of the system. It is designed to mate with a corresponding male header (pinned connector) soldered to a PCB. #### Typical Application Circuit ```yaml [ PCB Header ] <----Mates With----> [ KV-C2-R/CE Receptacle ] | | | | (Soldered) (IDC Wire Press) | | [ Device Internal ] [ External Logic/Power ] ``` --- ### 4. Common Use Cases 1. **Industrial Controllers:** Connecting sensors or small motors to a main control board. 2. **Office Equipment:** Internal wiring for printers, copiers, and scanners. 3. **Consumer Electronics:** Power supply connections for home appliances.
    ✨ Follow-up Questions
    • ⤷ What is the difference between IDC and Crimp termination for this connector series?
    • ⤷ Does the KV-C2-R/CE support high-temperature reflow soldering?
    • ⤷ What are the compatible wire gauges (AWG) for this specific part?