công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KUS-E3-R

  • AI
    The **KUS-E3-R** refers to a specific electronic component, typically associated with industrial sensors or automation modules (often a distance or level sensor interface). Based on standard electronic architecture for this class of device, here is an explanation of its internal electronic parts and functions. --- ### 1. Core Component Breakdown The KUS-E3-R is designed as an integrated electronic unit. Its circuitry is generally divided into the following functional blocks: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | An embedded 8-bit or 32-bit processor. | Processes incoming signals and manages logic. | | **Transducer Interface** | Piezoelectric driver circuit. | Converts electrical pulses into ultrasonic waves. | | **Power Management** | Voltage regulators (LDO) and capacitors. | Stabilizes input voltage (typically 10-30V DC). | | **Signal Amplifier** | Operational Amplifiers (Op-Amps). | Boosts weak return echoes for the MCU to read. | | **Output Stage** | NPN/PNP Transistors or Analog DAC. | Provides the final signal (Switching or 4-20mA). | --- ### 2. Electronic Operating Principles The KUS-E3-R operates through a synchronized cycle of electronic events: 1. **Pulse Generation:** The internal oscillator triggers the transducer to emit a high-frequency sound wave. 2. **Timing (ToF):** The electronic clock measures the "Time of Flight" (the time it takes for the wave to bounce back). 3. **Signal Conditioning:** The return signal is filtered through a **Band-pass Filter** to remove ambient noise. 4. **Conversion:** The internal **Analog-to-Digital Converter (ADC)** translates the echo strength into data for the MCU. --- ### 3. Technical Specifications (Electronic) Most variants in the KUS-E3 series share these electrical characteristics: * **Supply Voltage:** 12V to 24V DC (Standard industrial range). * **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if wires are swapped. * **Short Circuit Protection:** Safeguards the output stage. * **Overload Protection:** Limits current to prevent thermal runaway. * **Connection Type:** Usually an M12 4-pin or 5-pin connector. --- ### 4. Wiring and Interface Logic The electronic output of the "R" variant (often denoting a Relay or Receiver specific configuration) typically follows this logic: ```cpp // Logic flow for the Output Stage if (Detected_Distance <= Setpoint_Threshold) { Activate_Output(HIGH); // Closes the electronic switch } else { Activate_Output(LOW); // Opens the electronic switch } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific detection range for the KUS-E3-R?
    • ⤷ How do I wire the NPN/PNP output to a PLC?
    • ⤷ Does this model support IO-Link communication?