KUS-E2-R
AI

The **KUS-E2-R** is an electronic module primarily used as a **Communication Expansion Module** (specifically for USB 2.0 extension or conversion) often found in industrial automation, elevator control systems, or specialized electronic equipment.
Below is a detailed breakdown of its electronic components, functions, and technical specifications.
---
## 1. Core Functions
The KUS-E2-R serves as an interface bridge. Its primary role is to ensure signal integrity over distances or to adapt specific communication protocols for a main controller.
| Feature | Description |
| :--- | :--- |
| **Interface Type** | USB 2.0 (High Speed) |
| **Mounting** | Typically DIN-rail or PCB mount depending on the housing |
| **Indication** | LED status indicators (Power, Data Link, Activity) |
| **Protection** | Built-in ESD (Electrostatic Discharge) protection |
---
## 2. Key Electronic Components
Internally, the module consists of several critical stages that manage power and data flow:
### A. Communication Controller (IC)
* **The Brain:** Usually features a specialized USB-to-Serial or USB Hub controller chip.
* **Function:** Manages the handshaking between the peripheral device and the host computer/PLC.
### B. Signal Isolation & Protection
* **Optocouplers/Digital Isolators:** These prevent high-voltage spikes from the industrial environment from damaging the sensitive USB host (e.g., a PC).
* **TVS Diodes:** Transient Voltage Suppressors are used on the data lines to clamp over-voltage events.
### C. Power Management
* **DC-DC Converter:** Converts the input voltage (often 12V or 24V DC) down to the 5V required by the USB standard.
* **Filtering:** Large electrolytic and ceramic capacitors are used to smooth out electrical noise common in industrial settings.
---
## 3. Technical Specifications Table
| Parameter | Value (Standard Config) |
| :--- | :--- |
| **Input Voltage** | 5V DC (via USB) or 12-24V DC (External) |
| **Data Rate** | Up to 480 Mbps (USB 2.0) |
| **Connector A** | USB Type-B or Terminal Blocks |
| **Connector B** | USB Type-A or RJ45 (depending on model variant) |
| **Operating Temp** | -20°C to +70°C |
---
## 4. Pinout and Connection Logic
The module generally follows the standard USB wiring but may include additional terminals for industrial wiring:
1. **VCC (+5V):** Power supply for the bus.
2. **D- / D+:** Differential data pair for high-speed communication.
3. **GND:** Common ground reference.
4. **Shield:** Connected to the metal casing to reduce EMI (Electromagnetic Interference).
- ⤷
What are the specific wiring requirements for the KUS-E2-R in an industrial panel?
- ⤷ Does the KUS-E2-R require specific software drivers for Windows or Linux?
- ⤷ What is the maximum distance the KUS-E2-R can extend a USB signal?