KUS-41-R
AI

The **KUS-41-R** is an electronic component primarily classified as a **Slide Switch**. It is widely used in small consumer electronics, testing equipment, and industrial control panels due to its compact form factor and reliability.
---
### 1. General Specifications
Below is a breakdown of the typical technical parameters for the KUS-41-R series:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Slide Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-ON |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Current Rating** | ~0.3A at 30V DC |
| **Contact Resistance** | ≤ 20mΩ |
| **Insulation Resistance** | ≥ 100MΩ (500V DC) |
| **Dielectric Strength** | 500V AC for 1 minute |
---
### 2. Key Electronic Parts and Materials
The internal and external construction of the KUS-41-R consists of several critical layers:
1. **Actuator (The Knob):** Usually made of hardened POM (Polyoxymethylene) plastic. This is the part the user moves to change the switch state.
2. **Contact Clips:** These are the internal moving conductive elements. They are typically made of **Phosphor Bronze** with **Silver or Gold plating** to ensure high conductivity and prevent oxidation.
3. **Terminals:** The pins that solder into the PCB. These are usually brass with silver plating.
4. **Base/Housing:** Constructed from high-temperature resistant Phenolic resin or PA (Nylon) to withstand soldering temperatures.
---
### 3. Circuit Configuration (SPDT)
The KUS-41-R operates as a Single Pole Double Throw switch. Here is a simple representation of its logic:
```text
[ Terminal 1 ] <--- Position A
[ Common Terminal ]
[ Terminal 2 ] <--- Position B
```
* When the slider is in **Position A**, the Common terminal is connected to Terminal 1.
* When the slider is shifted to **Position B**, the Common terminal is connected to Terminal 2.
---
### 4. Applications
Because of its small footprint and low power rating, you will find this component in:
* **Handheld Devices:** Power switches for small toys or flashlights.
* **Instrumentation:** Channel selectors or mode toggles.
* **Computer Peripherals:** DPI switches on mice or wireless on/off toggles.
- ⤷
What is the maximum voltage rating for the KUS-41-R?
- ⤷ Can this switch be used for AC mains power applications?
- ⤷ What are the physical dimensions or lead pitch for this component?