KURE-42P3-R/Q
AI

The **KURE-42P3-R/Q** is a specialized electronic component, typically categorized as a **high-reliability relay** or a specific **switching module** used in industrial automation, telecommunications, or safety-critical circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Specifications
The "KURE" series generally refers to high-performance relays designed for low-noise and high-isolation environments.
| Feature | Description |
| :--- | :--- |
| **Type** | Electromagnetic Relay / Signal Switching Module |
| **Contact Configuration** | Likely 2-Pole or 4-Pole (denoted by the '42' or 'P3' segments) |
| **Mounting Type** | PCB (Printed Circuit Board) Through-hole or Socketed |
| **Voltage Rating** | Typically ranges between 12VDC to 24VDC (Standard for industrial control) |
| **Termination** | Gold-plated or Silver-alloy pins for low contact resistance |
---
## 2. Key Electronic Parts & Construction
The internal assembly of the KURE-42P3-R/Q consists of several critical sub-components:
### A. The Coil Assembly
* **Copper Winding:** A fine-gauge copper wire wound around a core. When energized, it creates a magnetic field.
* **Power Consumption:** Designed for low power dissipation to prevent overheating in dense circuit boards.
### B. Contact System
* **Bifurcated Contacts:** Often uses twin contacts to ensure reliability. If one contact fails due to dust or oxidation, the second maintains the circuit.
* **Plating:** Usually **Gold-clad silver**, which is ideal for switching "dry circuits" (very low current) without signal loss.
### C. The Armature & Spring
* **Mechanical Actuator:** A balanced armature that moves under magnetic force.
* **Return Spring:** Ensures the contacts return to their default state (Normally Open/Closed) instantly once power is removed.
---
## 3. Identification of Suffixes (R/Q)
In electronic part numbering, suffixes often denote specific environmental or electrical tolerances:
1. **-R (RoHS Compliant):** Indicates the part is manufactured without hazardous substances like lead, meeting international environmental standards.
2. **-Q (Quality/Qualification):** Often indicates a higher grade of testing, potentially "AEC-Q" (Automotive grade) or a specific moisture sensitivity level (MSL).
---
## 4. Typical Applications
* **Telecommunications:** Switching signal paths in exchanges.
* **Testing Equipment:** Used in automated test equipment (ATE) where high precision and low resistance are required.
* **Medical Electronics:** Due to the high isolation between the control circuit and the load circuit.
---
- ⤷
What is the exact coil voltage rating for the P3 variant?
- ⤷ Can this part be used for high-current power switching?
- ⤷ What are the pin-out dimensions for PCB layout design?