KURE-42P1-R
AI

The **KURE-42P1-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **Automotive/Industrial plug**. It is widely used in systems requiring robust physical connections, such as high-end audio-visual equipment, radio frequency devices, or industrial control units.
---
### 1. Component Overview
The part belongs to a series of multi-pin circular connectors designed for reliability in environments where vibration or environmental interference might occur.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Circular Connector / Plug |
| **Number of Pins** | 42 Pins |
| **Termination Type** | Solder or Crimp (model dependent) |
| **Mounting Type** | Panel Mount or Cable Mount |
| **Housing Material** | Zinc Alloy or Nickel-plated Brass |
---
### 2. Key Electronic Characteristics
To understand how this part functions in a circuit, consider these technical parameters:
* **Pin Density:** With 42 pins, it is designed for high-density signal transmission (e.g., sensor arrays or complex control logic).
* **Contact Resistance:** Usually kept very low (typically < 10mΩ) to ensure signal integrity across all 42 channels.
* **Insulation Resistance:** High-grade plastic inserts (like PBT) are used to provide insulation between pins, usually rated at 1000MΩ or higher at 500V DC.
* **Voltage/Current Rating:** These connectors are generally designed for low-power signal applications rather than high-voltage power delivery.
---
### 3. Structural Design
The "KURE" series often features specific mechanical locking mechanisms:
1. **Threaded Coupling:** Ensures the connector does not vibrate loose.
2. **Keying:** The internal structure is "keyed" so the plug can only be inserted in the correct orientation, preventing pin damage.
3. **Shielding:** The metal shell provides EMI (Electromagnetic Interference) protection, which is critical for the 42 signal lines inside.
---
### 4. Common Applications
* **Broadcast Equipment:** Connecting control surfaces to rack-mounted hardware.
* **Industrial Automation:** Routing multiple sensor inputs through a single bulkhead.
* **Medical Devices:** Interfacing complex diagnostic probes with main processing units.
---
- ⤷
What is the exact pinout diagram for the KURE-42P1-R?
- ⤷ What are the recommended wire gauges for this 42-pin connector?
- ⤷ Is there an IP rating (waterproofing) associated with this specific model?