công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KURE-41PB-R

  • AI
    The **KURE-41PB-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized interface connector often used in industrial automation, robotics, or medical equipment. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The "KURE" series generally refers to compact, multi-pin circular connectors designed for high-density wiring in small spaces. | Feature | Description | | :--- | :--- | | **Component Type** | Circular Multi-pin Connector | | **Mounting Type** | Panel Mount / PCB Mount (depending on suffix) | | **Contact Gender** | Female (Socket) | | **Number of Pins** | 41 Pins | | **Termination Method** | Solder or Crimp (Model specific) | --- ### 2. Key Electronic Characteristics These parts are engineered to maintain signal integrity while handling power and data simultaneously. * **Current Rating:** Typically rated between **1A to 3A** per contact, depending on the wire gauge used. * **Voltage Rating:** Generally handles **AC 100V - 250V** (RMS) under standard operating conditions. * **Insulation Resistance:** Usually minimum **1000 MΩ** at 500V DC to prevent leakage between pins. * **Contact Resistance:** Low resistance (often **<30 mΩ**) to ensure minimal signal loss. * **Dielectric Withstanding Voltage:** Capable of withstanding **AC 500V - 1000V** for one minute without breakdown. --- ### 3. Physical & Material Composition The "R" suffix often indicates compliance with environmental standards or a specific orientation/locking mechanism. * **Housing Material:** High-grade synthetic resin (often PBT) for heat resistance and durability. * **Contact Plating:** Gold or Silver plating to prevent oxidation and ensure a long lifecycle of mating cycles. * **Locking Mechanism:** Push-pull or threaded locking to ensure the connection does not break due to vibration. * **RoHS Compliance:** The "R" frequently denotes **RoHS Compliance**, meaning it is free from hazardous substances like lead and cadmium. --- ### 4. Common Applications Due to the high pin density (41 pins), this part is commonly found in: 1. **Industrial Robotics:** Connecting control units to articulating arms. 2. **Medical Imaging:** Used in ultrasound or MRI sensors where many signal lines are required in a single cable. 3. **Testing Equipment:** Interface for multi-channel data acquisition systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 41-pin configuration?
    • ⤷ Are there waterproof (IP67) versions available for the KURE series?
    • ⤷ What is the mating cycle durability rating for this specific connector?