công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KTS-ND-R

  • AI
    The **KTS-ND-R** is a specific variant of high-performance contrast sensors developed by **SICK Sensor Intelligence**. These sensors are primarily used in packaging, printing, and labeling industries to detect registration marks or color differences at very high speeds. --- ## 1. Core Electronic Components and Technology The electronics of the KTS-ND-R are built around high-speed signal processing to ensure accuracy in millisecond intervals. | Component | Description | | :--- | :--- | | **Light Source** | Typically uses a **RGB (Red, Green, Blue) LED**. The electronics automatically select the best color to maximize contrast against the background. | | **Photodetector** | A high-sensitivity silicon photodiode that captures reflected light and converts it into an analog voltage. | | **Microprocessor** | Processes the analog signal using a proprietary **TwinEye-Technology** algorithm to distinguish between glossy surfaces and matte marks. | | **Output Stage** | Features a push-pull (PNP/NPN) output transistor and often includes **IO-Link** communication capabilities. | --- ## 2. Technical Specifications Below are the typical electronic performance characteristics for the KTS series (ND variant): | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 10.8 V DC ... 28.8 V DC | | **Switching Frequency** | Up to 50 kHz (extremely fast response) | | **Response Time** | ~10 µs to 20 µs | | **Jitter** | < 10 µs (ensures consistent cut positions) | | **Output Type** | Push-pull: PNP/NPN (Automatic or manual selection) | | **Connection Type** | M12, 5-pin male connector | --- ## 3. Key Electronic Features ### A. TwinEye-Technology The electronic circuitry utilizes two receiving channels rather than one. This allows the sensor to maintain a stable signal even if the material is fluttering, vibrating, or has a high-gloss finish that would normally "blind" a standard sensor. ### B. IO-Link Integration The KTS-ND-R electronics support **IO-Link**. This allows the sensor to: * Send diagnostic data (e.g., lens contamination). * Be configured remotely via a PLC. * Store "recipes" for different packaging jobs to reduce setup time. ### C. 7-Segment Display & Control The rear of the unit features an electronic interface consisting of a 7-segment display and tactile buttons. This allows for: * **Dynamic Teach-in:** Calibrating the sensor while the machine is running. * **Manual Threshold Adjustment:** Fine-tuning the sensitivity for difficult color combinations. --- ## 4. Wiring Diagram Concept The electronic interface is standardized via an M12 5-pin connector: ```markdown Pin 1: L+ (Brown) -> +24V Power Supply Pin 2: Q/C (White) -> Digital Output 2 / Teach-in / Input Pin 3: M (Blue) -> 0V / Ground Pin 4: Q (Black) -> Switching Output (NPN/PNP) Pin 5: IN (Gray) -> External Teach-in or IO-Link Communication ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the KTS and KTX sensor series?
    • ⤷ How do you perform a 2-point teach-in on the KTS-ND-R?
    • ⤷ Can the KTS-ND-R detect transparent materials?