KTS-7A-R
AI

The **KTS-7A-R** is a specific electronic component, typically categorized as a **Bi-Directional Thermal Sensor** or a **Thermistors-based sensor assembly**, often used in automotive climate control systems (specifically for air conditioning and blower motor regulation).
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The KTS-7A-R serves as a feedback mechanism for electronic control units (ECU). It monitors temperature changes and converts them into electrical resistance changes (NTC logic).
### Core Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | NTC (Negative Temperature Coefficient) Thermistor |
| **Primary Function** | Temperature Sensing / Overheat Protection |
| **Resistance at 25°C** | Typically 1.5kΩ to 2.1kΩ (Varies by sub-model) |
| **Mounting Style** | Plug-in / Connector-based |
| **Housing Material** | Heat-resistant PPS or Ceramic |
---
## 2. Pinout and Connection
The device usually features a simple 2-pin interface, though integrated versions used in blower regulators may have more complex headers.
* **Pin 1 (Signal):** Connected to the reference voltage (Vref) from the ECU.
* **Pin 2 (Ground/Return):** Completes the circuit to measure the voltage drop.
---
## 3. Electronic Operating Principle
The KTS-7A-R operates based on the physical properties of semiconductor ceramics.
1. **Thermal Sensitivity:** As the ambient temperature rises, the internal resistance of the KTS-7A-R decreases.
2. **Voltage Division:** It is usually placed in a series circuit with a fixed resistor. The ECU measures the voltage at the junction point.
3. **Signal Processing:**
* **High Temperature:** Low Resistance $\rightarrow$ High Voltage sensed by ECU.
* **Low Temperature:** High Resistance $\rightarrow$ Low Voltage sensed by ECU.
---
## 4. Typical Applications
The "R" suffix often denotes a specific Lead-Free or Reinforced version used in:
* **Blower Motor Resistors:** To prevent the motor from burning out by sensing heat near the coils.
* **EV Battery Management:** Monitoring localized cell temperatures.
* **HVAC Actuators:** Ensuring the air mix flap motor does not overheat.
---
## 5. Circuit Implementation Example
If you are integrating this into a microcontroller environment (like Arduino or an Automotive PLC), the circuit would look like this:
```cpp
// Example: Reading KTS-7A-R Resistance via Analog Pin
const int sensorPin = A0;
int sensorValue = 0;
void setup() {
Serial.begin(9600);
}
void loop() {
sensorValue = analogRead(sensorPin);
// Convert analog value to temperature based on KTS-7A-R B-constant
float voltage = sensorValue * (5.0 / 1023.0);
Serial.println(voltage);
delay(500);
}
```
- ⤷What is the specific B-constant value for the KTS-7A-R?
- ⤷ How do I test a KTS-7A-R sensor using a multimeter?
- ⤷ Can the KTS-7A-R be used as a replacement for a KTS-5 series sensor?